Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM29C18 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM29C18
Description  ANALOG INTERFACE FOR DSP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C18 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM29C18 Datasheet HTML 9Page - Texas Instruments TCM29C18 Datasheet HTML 10Page - Texas Instruments TCM29C18 Datasheet HTML 11Page - Texas Instruments TCM29C18 Datasheet HTML 12Page - Texas Instruments TCM29C18 Datasheet HTML 13Page - Texas Instruments TCM29C18 Datasheet HTML 14Page - Texas Instruments TCM29C18 Datasheet HTML 15Page - Texas Instruments TCM29C18 Datasheet HTML 16Page - Texas Instruments TCM29C18 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
VCC
DGND
VBB
Figure 7. Latch-Up Protection Diode Connection
internal sequencing
On the transmit channel, digital outputs PCM OUT and TSX are held in the high-impedance state for
approximately four frames (500
µs) after power up or application of VBB or VCC. After this delay, PCM OUT, TSX,
and signaling are functional and occur in the proper time slot. The analog circuits on the transmit side require
approximately 60 ms to reach their equilibrium value due to the autozero circuit settling time. Thus valid digital
information, such as on/off hook detection, is available almost immediately while analog information is available
after some delay.
To further enhance system reliability, PCM OUT and TSX are placed in the high-impedance state approximately
20
µs after an interruption of CLKX. These interruptions could possibly occur with some kind of fault condition.
power-down and standby operations
To minimize power consumption, a power-down mode and three standby modes are provided.
For power down, an external low signal is applied to PDN. In the absence of a signal, PDN is internally pulled
up to a high logic level and the device remains active. In the power-down mode, the average power consumption
is reduced to 5 mW.
Three standby modes give the user the options of placing the entire device on standby, placing only the transmit
channel on standby, or placing only the receive channel on standby. To place the entire device on standby, both
FSX and FSR are held low. For transmit-only operation (receive channel on standby), FSX is high and FSR is
held low. For receive-only operation (transmit section on standby), FSR is high and FSX is held low. When the
entire device is in standby mode, power consumption is reduced to 12 mW. See Table 1 for power-down and
standby procedures.
Table 1. Power-Down and Standby Procedures
DEVICE STATUS
PROCEDURE
TYPICAL POWER
CONSUMPTION
DIGITAL OUTPUT STATUS
Power down
PDN = TTL low
5 mW
TSX and PCM OUT are in the high-impedance state
Entire device on standby
FSX and FSR are TTL low
12 mW
TSX and PCM OUT are in the high-impedance state
Only transmit on standby
FSX is TTL low,
FSR is TTL high
70 mW
TSX and PCM OUT are placed in the high-impedance
state within 300 ns
Only receive on standby
FSR is TTL low,
FSX is TTL high
110 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com