Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31072-101 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 31072-101
Description  H-DAC 64??Single Row Connector System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

31072-101 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  31072-101 Datasheet HTML 1Page - Molex Electronics Ltd. 31072-101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARkETS AND APPlICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550
F: 630-969-
1352
Order No. 987650-2242
USA/KC/2008.09
www.molex.com/link/hdac64single.html
ORDERING INFORMATION
Order No.
Orientation
Gender
Housing Assembly
Plant No. for Samples
31100-004*
Right Angle
Male
4 circuit header assembly with PCB hold down pegs
3109
31101-004*
Vertical
Male
4 circuit header assembly with PCB hold down pegs
3109
Terminal Type
Source
Description
Ford P/N
Vendor P/N
0.64mm ‘GET’
Tyco
18/20 AWG Tin Female
3F2T-14474-RA
1393366-1
Tyco
22 AWG Tin Female
3F2T-14474-SA
1393367-1
Tyco
18/20 AWG Tin Male
1L2T-14421-AA
2-1419158-5
Tyco
22 AWG Tin Male
1L2T-14421-BA
1-1419158-6
Order No.
Component
Gender
Housing Assembly
Plant No. for Samples
31067-101*
Connector
Female
3 Circuit Receptacle
3109
31068-101*
Connector
Female
4 Circuit Receptacle
3109
31072-101*
Connector
Female
5 Circuit Receptacle
3109
31073-101*
Connector
Female
6 Circuit Receptacle
3109
31067-104*
Connector
Male
3 Circuit Plug
3109
31067-107*
Connector
Male
3 Circuit Plug, XMAS Tree Slot
3109
31068-104*
Connector
Male
4 Circuit Plug
3109
31068-107*
Connector
Male
4 Circuit Plug, XMAS Tree Slot
3109
31072-104*
Connector
Male
5 Circuit Plug
3109
31072-107*
Connector
Male
5 Circuit Plug, XMAS Tree Slot
3109
31073-104*
Connector
Male
6 Circuit Plug
3109
31073-107*
Connector
Male
6 Circuit Plug, XMAS Tree Slot
3109
n
Automotive
- Sensors
- Lighting, Switches
n
Commercial
- Sensors
- Lighting, Switches
2.54mm (.100”) Pitch
H-DAC 64™ Single Row
Connector System
31067 3 Circuit In-line
Connectors
31068 4 Circuit In-line
Connectors
31072 5 Circuit In-line
Connectors
31073 6 Circuit In-line
Connectors
31101 4 Circuit Vertical
Header
31100 4 Circuit Right Angle
Header
Header Assemblies
H-DAC Product Family Terminal Selection Guide
Connector Housing Assemblies
*Denotes Polarization Option 0=Option A-Black, 1=Option B-Grey, 2=Option C Brown



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com