Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2409 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2409
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2409 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2409 Datasheet HTML 1Page - KR Electronics, Inc. 2409 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2001, KR Electronics, Inc.
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
121 . 500
000
MHz
SPAN
100 . 000
000
MHz
Cor
PRm
6 Nov 2001 17:10:34
1
2
3
4
1 : -83
. 743
dB
121 . 500
000
MHz
CH1
Markers
BW :
42 . 779711
MHz
cent
:
122 . 243289
MHz
Q: 2 . 8575
1_ loss
: -83
. 743
dB
KR 2409 Notch Filter
KR 2409 is a 121.5 MHz Notch Filter. Other center frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Good Notch Depth
• BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2409 ETC2-2409 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2409 HEYCO-2409 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2409 ASSUN-2409 Datasheet
375Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2409 ASSUN-2409 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
2409 ASSUN-2409 Datasheet
328Kb / 1P
STANDARD SERIES
2024-A
More results

Similar Description - 2409

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
2592 KR-2592 Datasheet
17Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com