Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2476 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2476
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2476 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2476 Datasheet HTML 1Page - KR Electronics, Inc. 2476 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S21
/M
LOG
.5 dB/
REF -3.5 dB
START
. 100
000
MHz
STOP
52 . 500
000
MHz
Cor
CH2
S21
DEL
5 ns/
REF 49 ns
Cor
Smo
24 Jun 2003 09:37:56
Effective Passband & Group Delay
(0.5 dB/div & 5 nsec/div)
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
150 . 000
000
MHz
Cor
24 Jun 2003 09:35:51
KR 2476 Lowpass Filter
KR 2476 is a 52.5 MHz lowpass filter. The filter is group delay
equalized and includes sin(x)/x compensation for a sampling
frequency of 120 MHz. The filter can be supplied without
sin(x)/x correction. Please consult the factory for other passband
or sampling frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 52.5 MHz passband
• Sin(x)/x correction
• Sharp transition to 60 dB
• 50 Ω
Typical Performance
www.krfilters.com
Figure 1
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2476

ManufacturerPart #DatasheetDescription
logo
Heyco.
2476 HEYCO-2476 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
2476 ADAFRUIT-2476 Datasheet
1Mb / 1P
Replacement Tubes for Professional Silicone- Tip Solder Sucker - SS-02
6-23-17
logo
Keystone Electronics Co...
2476 KEYSTONE-2476 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
Toshiba Semiconductor
24761221 TOSHIBA-24761221 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
24761221 TOSHIBA-24761221 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 2476

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com