Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAS50S Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAS50S
Description  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAS50S Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAS50S Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAS50S Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-14-
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 378.0g (13.3 Oz.)
DERATING CHART
SINGLE OUTPUT
MAIN O/P VO1 @ ★
MODEL NO.
TYP.
VOLT.
HAS50-S033075
7.5A
+3.3V
HAS50-S050060
6.0A
+5.0V
HAS50-S120042
4.2A
+12.0V
HAS50-S150035
3.5A
+15.0V
HAS50-S240021
2.1A
+24.0V
Symbols: "★" OVP built-in.
"@" Adjustable.
PIN ASSIGNMENT
PIN NO. SINGLE O/P
P1-L
AC-L
P1-N
AC-N
P1-G
AC-G
P2-1
REMOTE ON/OFF
P2-2
NC
P2-3
+VO1
P2-4
+VO1
P2-5
DC COM
P2-6
DC COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com