Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIMP151 Datasheet(PDF) 3 Page - HITRON ELECTRONICS CORPORTION

Part # HIMP151
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HIMP151 Datasheet(HTML) 3 Page - HITRON ELECTRONICS CORPORTION

  HIMP151 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HIMP151 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HIMP151 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING CHART
2008/2/18
HIMP151-S050270
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
HIMP151-D050I
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 23CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
6070
8090
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90
100
deg C
%
HIMP151-T033EI
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 30CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10203040
5060708090 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
40
506070
80
90
100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%
HIMP151-Q050KKE
Forced air cooling- 5CFM
Forced air cooling- 20CFM
Forced air cooling- 26CFM
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
4050
6070
80
90 100
deg C
%
Power derating
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
90 100
deg C
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com