Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAM15S Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HAM15S
Description  PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAM15S Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HAM15S Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAM15S Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
HAM15S SERIES
FEATURES:
ON-BOARD AC/DC MODULAR
POWER SUPPLIES
WIDE INPUT VOLTAGE FOR THE
WORLD WIDE USE
COMPACT IN SIZE
DESIGNED TO MEET UNIVERSAL
SAFETY STANDARDS
EMI MEET CISPR PUB.22 / FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ.72%
Switching Frequency: 83K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following a
50% load change.
Case: Impact resistant thermo-plastic enclosure.
Weight: 120.0g (4.23 Oz).
Power Density: 3.76 Watts. / Cubic inch.
Safety Standard: EN60950/ UL1950 Class I.
Operating Temperature: -25 to +71°C range.
-10°C to +50°C without derating. Derating linearly
2.5%/°C from +50°C @F-L to +71°C @ H-L.
(Refer to Derating Chart.)
Storage Temperature: -40°C to +85°C.
Temperature Coefficient: 0.02% /°C.
Humidity: Up to 95%RH, Non-condensing.
Cooling: Convection cooling for +50°C @ full load.
At least 100LFM moving air is recommended
for full load >+50°C in a confined area.
Commercial Grade only.
Note: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac. (Or 110-340Vdc).
Input Frequency: 47-63 Hz. or DC.
Input Current: 0.32A @115Vac./0.15A @230Vac.
Inrush Current: 32.5A peak @230Vac.
Input Fuse: Use external fuse. 1.0A/250Vac. for
primary fuse is suggested
Dielectric Withstand: Meet IEC950
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB.22 / FCC Class B.
Hold-up time: 20mS @115Vac, 120mS @230Vac.
Earth Leakage: Less than 3.5mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ.15Watts.
Output Indicator: LED
Line Regulation: ±0.1% typ.
Load Regulation: ±1.0% typ.
Noise & ripple: Typ. 1.0% peak to peak.
OVP: Built-in on main output.
Adjustability: From -10% of main output till OVP
Short Circuit Protection: Power fold back,
self-recovering.
Overload Protection: About 130% of overrange
foldback type.
-7-


Similar Part No. - HAM15S

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
logo
VITALCONN ELECTRONICS H...
HAM10A0LB01 VITALCONN-HAM10A0LB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
HAM10A0LB02 VITALCONN-HAM10A0LB02 Datasheet
162Kb / 1P
HDMI PLUG (With tin line)
HAM10A0LB03 VITALCONN-HAM10A0LB03 Datasheet
177Kb / 1P
HDMI PLUG (With tin line)
HAM10A1LB01 VITALCONN-HAM10A1LB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
More results

Similar Description - HAM15S

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S Datasheet
323Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
TPAM10S TOTAL-POWER-TPAM10S Datasheet
207Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
TPAM15S TOTAL-POWER-TPAM15S Datasheet
252Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT TPAM15S SERIES
TPAM16S TOTAL-POWER-TPAM16S Datasheet
266Kb / 2P
PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 16-WATTS SINGLE AND DUAL OUTPUT TPAM16S AND TPAM16D SERIES
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
15 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com