Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1030 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030
Description  2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1030 Datasheet(HTML) 1 Page - Texas Instruments

  THS1030 Datasheet HTML 1Page - Texas Instruments THS1030 Datasheet HTML 2Page - Texas Instruments THS1030 Datasheet HTML 3Page - Texas Instruments THS1030 Datasheet HTML 4Page - Texas Instruments THS1030 Datasheet HTML 5Page - Texas Instruments THS1030 Datasheet HTML 6Page - Texas Instruments THS1030 Datasheet HTML 7Page - Texas Instruments THS1030 Datasheet HTML 8Page - Texas Instruments THS1030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
THS1030
2.7 V – 5.5 V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS243A – NOVEMBER 1999 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 10-Bit Resolution 30 MSPS
Analog-to-Digital Converter:
D Configurable Input: Single-Ended or
Differential
D Differential Nonlinearity: ±0.3 LSB
D Signal-to-Noise: 57 dB
D Spurious Free Dynamic Range: 60 dB
D Adjustable Internal Voltage Reference
D Out-of-Range Indicator
D Power-Down Mode
D Pin Compatible with TLC876
description
The THS1030 is a CMOS, low power, 10-bit, 30
MSPS analog-to-digital converter (ADC) that can
operate with a supply range from 2.7 V to 3.3 V.
The THS1030 has been designed to give circuit
developers more flexibility. The analog input to the
THS1030 can be either single-ended or differential. The THS1030 provides a wide selection of voltage
references to match the user’s design requirements. For more design flexibility, the internal reference can be
bypassed to use an external reference to suit the dc accuracy and temperature drift requirements of the
application. The out-of-range output is used to monitor any out-of-range condition in THS1030s input range.
The speed, resolution, and single-supply operation of the THS1030 are suited for applications in STB, video,
multimedia, imaging, high-speed acquisition, and communications. The speed and resolution ideally suit
charge-couple device (CCD) input systems such as color scanners, digital copiers, digital cameras, and
camcorders. A wide input voltage range between REFBS and REFTS allows the THS1030 to be applied in both
imaging and communications systems.
The THS1030I is characterized for operation from – 40
°C to 85°C
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
TA
28-TSSOP (PW)
28-SOIC (DW)
0
°C to 70°C
THS1030CPW
THS1030CDW
–40
°C to 85°C
THS1030IPW
THS1030IDW
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
DVDD
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
OVR
DGND
AVDD
AIN
VREF
REFBS
REFBF
MODE
REFTF
REFTS
876M
AGND
REFSENSE
STBY
OE
CLK
28-PIN TSSOP/SOIC PACKAGE
(TOP VIEW)


Similar Part No. - THS1030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030CDW TI1-THS1030CDW Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030CDWG4 TI1-THS1030CDWG4 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030CDWR TI1-THS1030CDWR Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030CDWRG4 TI1-THS1030CDWRG4 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030CPW TI1-THS1030CPW Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com