Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1050 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS1050
Description  10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1050 Datasheet(HTML) 1 Page - Texas Instruments

  THS1050 Datasheet HTML 1Page - Texas Instruments THS1050 Datasheet HTML 2Page - Texas Instruments THS1050 Datasheet HTML 3Page - Texas Instruments THS1050 Datasheet HTML 4Page - Texas Instruments THS1050 Datasheet HTML 5Page - Texas Instruments THS1050 Datasheet HTML 6Page - Texas Instruments THS1050 Datasheet HTML 7Page - Texas Instruments THS1050 Datasheet HTML 8Page - Texas Instruments THS1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
THS1050
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS278 – APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D 50 MSPS Maximum Sample Rate
D 10-Bit Resolution
D No Missing Codes
D On-Chip Sample and Hold
D 73 dB Spurious Free Dynamic Range at
fin = 15.5 MHz
D 5 V Analog and Digital Supply
D 3 V and 5 V CMOS Compatible Digital
Output
D 9.7 Bit ENOB at fIN = 31 MHz
D 60 dB SNR at fIN = 31 MHz
D 82 MHz Bandwidth
D Internal or External Reference
D Buffered 900 Ω Differential Analog Input
applications
D Wireless Local Loop
D Wireless Internet Access
D Cable Modem Receivers
D Medical Ultrasound
D Magnetic Resonant Imaging
description
The THS1050 is a high speed low noise 10-bit
CMOS pipelined analog-to-digital converter. A
differential sample and hold minimizes even order
harmonics and allows for a high degree of
common mode rejection at the analog input. A
buffered analog input enables operation with a
constant analog input impedance, and prevents
transient voltage spikes from feeding backward to
the analog input source. Full temperature DNL
performance allows for industrial application with
the assurance of no missing codes. The typical
integral nonlinearity (INL) for the THS1050 is less
than one LSB. The superior INL curve of the THS1050 results in SFDR performance that is exceptional for a
10-bit analog-to-digital converter. The THS1050 can operate with either internal or external references. Internal
reference usage selection is accomplished simply by externally connecting reference output terminals to
reference input terminals.
AVAILABLE OPTIONS
PACKAGE
TA
48-TQFP
(PHP)
–40
°C to 85°C
THS1050I
0
°C to 70°C
THS1050C
Copyright
© 2000, Texas Instruments Incorporated
14 15
NC
NC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
AVSS
AVDD
VIN+
VIN–
AVDD
VREFOUT–
VREFIN–
VREFIN+
VREFOUT+
VBG
AVSS
AVDD
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
48 PHP PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - THS1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
410Kb / 21P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1050CPHP TI-THS1050CPHP Datasheet
410Kb / 21P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
More results

Similar Description - THS1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com