Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1060 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS1060
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060 Datasheet(HTML) 1 Page - Texas Instruments

  THS1060 Datasheet HTML 1Page - Texas Instruments THS1060 Datasheet HTML 2Page - Texas Instruments THS1060 Datasheet HTML 3Page - Texas Instruments THS1060 Datasheet HTML 4Page - Texas Instruments THS1060 Datasheet HTML 5Page - Texas Instruments THS1060 Datasheet HTML 6Page - Texas Instruments THS1060 Datasheet HTML 7Page - Texas Instruments THS1060 Datasheet HTML 8Page - Texas Instruments THS1060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D 60 MSPS Maximum Sample Rate
D 10-Bit Resolution
D No Missing Codes
D On-Chip Sample and Hold
D 73 dB Spurious Free Dynamic Range at
fin = 15.5 MHz
D 5 V Analog and Digital Supply
D 3 V and 5 V CMOS Compatible Digital
Output
D 9.5 Bit ENOB at fIN = 31 MHz
D 60 dB SNR at fIN = 31 MHz
D 82 MHz Bandwidth
D Internal or External Reference
D Buffered 900 Ω Differential Analog Input
applications
D Wireless Local Loop
D Wireless Internet Access
D Cable Modem Receivers
D Medical Ultrasound
D Magnetic Resonant Imaging
description
The THS1060 is a high speed low noise 10-bit CMOS pipelined analog-to-digital converter. A differential sample
and hold minimizes even order harmonics and allows for a high degree of common mode rejection at the analog
input. A buffered analog input allows for operation with a constant analog input impedance, and prevents
transient voltage spikes from feeding backward to the analog input source. Full temperature DNL performance
allows for industrial application with the assurance of no missing codes. The THS1060 can operate with either
internal or external references. Internal reference usage selection is accomplished simply by externally
connecting reference output terminals to reference input terminals. Packaged in a small 48-pin quad flat-pack,
the THS1060 makes use of Texas Instruments PowerPAD
™ technology. The die of the THS1060 is bonded
directly to a copper alloy plate which is exposed on the bottom of the package. When soldered to a ground land,
the PowerPAD
™ provides superior heat dissipation and thermal performance ideal for industrial applications
in high temperature environments.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS1060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1060CPHP TI1-THS1060CPHP Datasheet
385Kb / 22P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
THS1060IPHP TI1-THS1060IPHP Datasheet
385Kb / 22P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
More results

Similar Description - THS1060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1050 TI-THS1050 Datasheet
397Kb / 20P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Texas Instruments
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com