Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-1814V9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSS-1814V9
Description  1.80 Inch Single Digit Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-1814V9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSS-1814V9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-1814V9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-1814V9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-1814V9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-1814V9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-1814V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.80 Inch Single Digit Display
Emitting Color Super Bright Orange
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
PREPARED BY
PS-ND-0807
A
Model No CSS-1814V9/1815V9
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
CHECKED BY


Similar Part No. - CSS-1814V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-1814A9 CHINASEMI-CSS-1814A9 Datasheet
187Kb / 6P
1.80 Inch Single Digit Display
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
1.80 Inch Single Digit Display
CSS-1814E CHINASEMI-CSS-1814E Datasheet
190Kb / 6P
1.80 Inch Single Digit Display
CSS-1814G CHINASEMI-CSS-1814G Datasheet
190Kb / 6P
1.80 Inch Single Digit Display
CSS-1814M9 CHINASEMI-CSS-1814M9 Datasheet
189Kb / 6P
1.80 Inch Single Digit Display
More results

Similar Description - CSS-1814V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-1814A9 CHINASEMI-CSS-1814A9 Datasheet
187Kb / 6P
1.80 Inch Single Digit Display
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
1.80 Inch Single Digit Display
CSS-1814E CHINASEMI-CSS-1814E Datasheet
190Kb / 6P
1.80 Inch Single Digit Display
CSS-1814G CHINASEMI-CSS-1814G Datasheet
190Kb / 6P
1.80 Inch Single Digit Display
CSS-1814M9 CHINASEMI-CSS-1814M9 Datasheet
189Kb / 6P
1.80 Inch Single Digit Display
CSS-1814S CHINASEMI-CSS-1814S Datasheet
188Kb / 6P
1.80 Inch Single Digit Display
CSS-1814T9 CHINASEMI-CSS-1814T9 Datasheet
188Kb / 6P
1.80 Inch Single Digit Display
logo
Ningbo Foryard Optoelec...
FYS-18011AX-00 FORYARD-FYS-18011AX-00 Datasheet
399Kb / 5P
1.80 Inch (45.00mm) digit height Single Digit Display
FYS-18011CX-00 FORYARD-FYS-18011CX-00 Datasheet
398Kb / 5P
1.80 Inch (45.00mm) digit height Single Digit Display
FYS-18012AX-00 FORYARD-FYS-18012AX-00 Datasheet
407Kb / 5P
1.80 Inch (45.00mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com