Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-2311G Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CSS-2311G
Description  2.3 Inch Single Digit Alphanumeric Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-2311G Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSS-2311G Datasheet HTML 1Page - China Semiconductor Corporation CSS-2311G Datasheet HTML 2Page - China Semiconductor Corporation CSS-2311G Datasheet HTML 3Page - China Semiconductor Corporation CSS-2311G Datasheet HTML 4Page - China Semiconductor Corporation CSS-2311G Datasheet HTML 5Page - China Semiconductor Corporation CSS-2311G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Storage Temperature
-25 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Rating
Reverse Voltage Per Dice
Power Dissipation Per Dice
Peak Current Per Dice (Duty
Cycle 1/10, 1kHz)
5
70
90
25
PS-ND-0712
A
Model No CSS-2310G/2311G
Operating Temperature
-25 ~ +85
Continuous Forward Current
Per Dice
Derating Linear From 25
Per
Dice
0.33
Parameter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com