Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001 Datasheet(HTML) 1 Page - Texas Instruments

  THS3001 Datasheet HTML 1Page - Texas Instruments THS3001 Datasheet HTML 2Page - Texas Instruments THS3001 Datasheet HTML 3Page - Texas Instruments THS3001 Datasheet HTML 4Page - Texas Instruments THS3001 Datasheet HTML 5Page - Texas Instruments THS3001 Datasheet HTML 6Page - Texas Instruments THS3001 Datasheet HTML 7Page - Texas Instruments THS3001 Datasheet HTML 8Page - Texas Instruments THS3001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
THS3001, THS3002
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
SLOS217A – JULY 1998 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Speed
– 420 MHz Bandwidth (G = 1, –3 dB)
– 6500 V/
µs Slew Rate
– 40-ns Settling Time (0.1%)
D High Output Drive, IO = 100 mA
D Excellent Video Performance
– 115 MHz Bandwidth (0.1 dB, G = 2)
– 0.01% Differential Gain
– 0.02
° Differential Phase
D Low 3-mV (max) Input Offset Voltage
D Very Low Distortion
– THD = –96 dBc at f = 1 MHz
– THD = –80 dBc at f = 10 MHz
D Wide Range of Power Supplies
– VCC = ±4.5 V to ±16 V
D Evaluation Module Available
description
The THS300x is a high-speed current-feedback
operational amplifier, ideal for communication,
imaging, and high-quality video applications. This
device offers a very fast 6500-V/
µs slew rate, a
420-MHz bandwidth, and 40-ns settling time for
large-signal applications requiring excellent tran-
sient
response.
In
addition,
the
THS300x
operates with a very low distortion of – 96 dBc,
making it well suited for applications such as
wireless communication basestations or ultrafast
ADC or DAC buffers.
HIGH-SPEED AMPLIFIER FAMILY
DEVICE
ARCHITECTURE
SUPPLY
VOLTAGE
BW
(MHz)
SR
(V/
µs)
THD
f = 1 MHz
ts
0.1%
DIFF.
GAIN
DIFF.
PHASE
Vn
(nV/
√Hz)
VFB
CFB
5 V
±5 V ±15 V
(MHz)
(V/
µs)
(dB)
(ns)
GAIN
PHASE
(nV/
√Hz)
THS3001/02
•
•
•
420
6500
–96
40
0.01%
0.02
°
1.6
THS4001
•
•
•
•
270
400
–72
40
0.04%
0.15
°
12.5
THS4011/12
•
•
•
290
310
–80
37
0.006%
0.01
°
7.5
THS4031/32
•
•
•
100
100
–72
60
0.02%
0.03
°
1.6
THS4061/62
•
•
•
180
400
–72
40
0.02%
0.02
°
14.5
CAUTION: The THS300x provides ESD protection circuitry. However, permanent damage can still occur if this device is subjected
to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
5
3
1
–1
1M
100M
6
4
2
0
10M
1G
100k
7
8
G = 2
RL = 150 Ω
VI = 200 mV RMS
VCC = ±5 V
RF = 750 Ω
VCC = ±15 V
RF = 680 Ω
THS3002
D AND DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
–VCC
VCC+
2OUT
2IN–
2IN+
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC–
NULL
VCC+
OUT
NC
THS3001
D AND DGN† PACKAGE
(TOP VIEW)
NC – No internal connection
† The THS3001 implemented in the DGN package is in the
product preview stage of development. Contact your local TI
sales office for availability.


Similar Part No. - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
943Kb / 39P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
THS3001 TI-THS3001 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3001

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
70 MHz/1 mA Current Mode Feedback Amplifiers
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Maxim Integrated Produc...
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com