Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-4019EG Datasheet(PDF) 5 Page - China Semiconductor Corporation

Part # CSS-4019EG
Description  4.0 Inch Single Digit Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-4019EG Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSS-4019EG Datasheet HTML 1Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 2Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 3Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 4Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 5Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 6Page - China Semiconductor Corporation CSS-4019EG Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
VF
-
10.5(2.1) 14.0(2.8)
V
Iv
-
30
-
mcd
P
-
570
-
nm
-
30
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
4/6
PS-ND-0710
Model No CSS-4018EG/4019EG
http://www.csctw.com.tw
A
Reverse Voltage Per Dice
5
Operating Temperature
-35 ~ +85
Storage Temperature
-35 ~ +85
Solder emperature 1/16 inch below seating plane for 3 seconds at 260
Continuous Forward Current Per Dice
25
Peak Current Per Dice
90
Parameter
Yellow-Green
Power Dissipation Per Dice
70
Parameter
Condition
Forward Voltage Per
Segment
IF=20mA
IF=20mA
Reverse Current
VR=20V
Luminous Intensity Per
Segment
IF=10mA
Peak Emission Wavelength
IF=20mA
Spectrum Radiation
Bandwidth
Luminous Intensity
Matching Ratio
IF=10mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com