Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4022 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4022 Datasheet(HTML) 1 Page - Texas Instruments

  THS4022 Datasheet HTML 1Page - Texas Instruments THS4022 Datasheet HTML 2Page - Texas Instruments THS4022 Datasheet HTML 3Page - Texas Instruments THS4022 Datasheet HTML 4Page - Texas Instruments THS4022 Datasheet HTML 5Page - Texas Instruments THS4022 Datasheet HTML 6Page - Texas Instruments THS4022 Datasheet HTML 7Page - Texas Instruments THS4022 Datasheet HTML 8Page - Texas Instruments THS4022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Ultra-Low 1.5 nV/√Hz Voltage Noise
D High Speed
– 350 MHz Bandwidth (G = 10, – 3 dB)
– 470 V/
µs Slew Rate
– 40 ns Settling Time (0.1%)
D Stable at a Gain of 10 (–9) or Greater
D High Output Drive, IO = 100 mA (typ)
D Excellent Video Performance
– 17 MHz Bandwidth (0.1 dB, G = 10)
– 0.02% Differential Gain
– 0.08
° Differential Phase
D Very Low Distortion
– THD = – 68 dBc (f = 1 MHz, RL = 150 Ω)
D Wide Range of Power Supplies
– VCC = ±5 V to ±15 V
D Available in Standard SOIC or MSOP
PowerPAD
™ Package
D Evaluation Module Available
description
The THS4021 and THS4022 are ultra-low voltage
noise, high-speed voltage feedback amplifiers
that are ideal for applications requiring low voltage
noise, including communication and imaging. The
signal-amplifier THS4021 and the dual-amplifier
THS4022 offer very good ac performance with
350-MHz bandwidth, 470-V/
µs slew rate, and
40-ns settling time (0.1%). The THS4021 and
THS4022 are stable at gains of 10 (– 9) or greater.
These amplifiers have a high drive capability of
100 mA and draw only 7.8-mA supply current per
channel. With total harmonic distortion (THD) of
– 68 dBc at f = 1 MHz, the THS4021 and THS4022
are ideally suited for applications requiring low
distortion.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
THS4031/2
THS4061/2
290-MHz Low Distortion High-Speed Amplifiers
100-MHz Low Noise High-Speed Amplifiers
180-MHz High-Speed Amplifiers
PowerPAD is a trademark of Texas Instruments Incorporated.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
THS4022
D AND DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
–VCC
VCC+
2OUT
2IN–
2IN+
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC–
NULL
VCC+
OUT
NC
THS4021
D AND DGN PACKAGE
(TOP VIEW)
NC – No internal connection
Cross Section View Showing
PowerPAD Option (DGN)
Figure 1
f – Frequency – Hz
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
VCC = ± 15 V and ± 5 V
TA = 25°C
100
1
10
100
10
1 k
10 k
100 k
Vn
In
CAUTION: The THS4021 and THS4022 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.


Similar Part No. - THS4022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4022 TI1-THS4022 Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4022CD TI1-THS4022CD Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4022CDGN TI1-THS4022CDGN Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4022CDGNG4 TI1-THS4022CDGNG4 Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4022CDGNR TI1-THS4022CDGNR Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
logo
Texas Instruments
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Texas Instruments
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com