Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-S20123A9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSS-S20123A9
Description  0.2 Inch Single Digit SMD Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-S20123A9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSS-S20123A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 6Page - China Semiconductor Corporation CSS-S20123A9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
0.2 Inch Single Digit SMD Display
Emitting Color Super Bright Amber
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
PREPARED BY
CHECKED BY
PS-DS-S20122/S20123A9
A
Model No:CSS-S20122A9/S20123A9


Similar Part No. - CSS-S20123A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-S20123A9 CHINASEMI-CSS-S20123A9 Datasheet
232Kb / 7P
0.2 Inch Single Digit SMD Display
More results

Similar Description - CSS-S20123A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S20240A9 CHINASEMI-CSD-S20240A9 Datasheet
254Kb / 7P
0.2 Inch Dual Digit SMD Display
CSD-S20240V9 CHINASEMI-CSD-S20240V9 Datasheet
245Kb / 7P
0.2 Inch Dual Digit SMD Display
CSS-S20122A9 CHINASEMI-CSS-S20122A9 Datasheet
232Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122B7 CHINASEMI-CSS-S20122B7 Datasheet
223Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122G CHINASEMI-CSS-S20122G Datasheet
228Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122M9 CHINASEMI-CSS-S20122M9 Datasheet
230Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122S CHINASEMI-CSS-S20122S Datasheet
227Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122T9 CHINASEMI-CSS-S20122T9 Datasheet
230Kb / 7P
0.2 Inch Single Digit SMD Display
CSS-S20122V9 CHINASEMI-CSS-S20122V9 Datasheet
221Kb / 7P
0.2 Inch Single Digit SMD Display
logo
Quelighting Corp
QLCDDD201YG-315 QUELIGHTING-QLCDDD201YG-315 Datasheet
754Kb / 10P
0.2 inch SMD Digit Display
1.0 06--2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com