Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-S40126A9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSS-S40126A9
Description  0.4 Inch Single Digit SMD Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-S40126A9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-S40126A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 6Page - China Semiconductor Corporation CSS-S40126A9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
Peak Current Per Dice(duty cycle 1/10,1KHz)
IPF
mA
-
mA/
VR
V
Topr
Tstg
Note:Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics -
Symbol
Min.
Typ.
Max.
Unit
VF
-
2.0
2.8
V
Iv
6
15
-
mcd
P
-
612
-
nm
-
20
-
nm
IR
-
-
100
A
IV-m
-
-
2:1
.
Page
3/6
Power Dissipation Per Dice
http://www.csctw.com.tw
Forward Voltage Per Segment
25
90
Derating Linear From 25
Per Dice
5
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
70
Model No CSS-S40126/S40127A9
Parameter
Rating
A
(Ta=25 )
Condition
Storage Temp.
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
Reverse Current
Peak Emission Wavelength
IF=20mA
VR=5V
IF=20mA
IF=10mA
PS-DS-S40126/S40127A9
Parameter
-40 ~ +105
0.33
-40 ~ +105
Operating Temp.
IF=20mA
Luminous Intensity Matching Ratio
IF=10mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com