Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052D Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4052D
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052D Datasheet(HTML) 2 Page - Texas Instruments

  THS4052D Datasheet HTML 1Page - Texas Instruments THS4052D Datasheet HTML 2Page - Texas Instruments THS4052D Datasheet HTML 3Page - Texas Instruments THS4052D Datasheet HTML 4Page - Texas Instruments THS4052D Datasheet HTML 5Page - Texas Instruments THS4052D Datasheet HTML 6Page - Texas Instruments THS4052D Datasheet HTML 7Page - Texas Instruments THS4052D Datasheet HTML 8Page - Texas Instruments THS4052D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
–100
–90
–80
–70
–60
–50
–40
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
20M
10M
100k
1M
RL = 150 Ω
RL = 1 kΩ
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER
OF
CHANNELS
PLASTIC
SMALL
OUTLINE†
PLASTIC MSOP†
(DGN)
CERAMIC DIP
(JG)
CHIP
CARRIER
EVALUATION
MODULE
CHANNELS
OUTLINE†
(D)
DEVICE
SYMBOL
(JG)
CARRIER
(FK)
0
°Cto70°C
1
THS4051CD
THS4051CDGN
ACQ
—
—
THS4051EVM
0
°C to 70°C
2
THS4052CD
THS4052CDGN‡
ACE
—
—
THS4052EVM
–40
°Cto85°C
1
THS4051ID
THS4051IDGN
ACR
—
—
—
– 40
°C to 85°C
2
THS4052ID
THS4052IDGN‡
ACF
—
—
—
–55
°C to 125°C
1
—
—
—
THS4051MJG
THS4051MFK
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4051CDGN).
‡ This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
functional block diagram
OUT
8
6
1
IN–
IN+
2
3
Null
Figure 1. THS4051 – Single Channel
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
–VCC
Figure 2. THS4052 – Dual Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com