Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4022CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4022CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4022CD Datasheet HTML 8Page - Texas Instruments THS4022CD Datasheet HTML 9Page - Texas Instruments THS4022CD Datasheet HTML 10Page - Texas Instruments THS4022CD Datasheet HTML 11Page - Texas Instruments THS4022CD Datasheet HTML 12Page - Texas Instruments THS4022CD Datasheet HTML 13Page - Texas Instruments THS4022CD Datasheet HTML 14Page - Texas Instruments THS4022CD Datasheet HTML 15Page - Texas Instruments THS4022CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
driving a capacitive load
Driving capacitive loads with high performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS402x has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device’s phase margin leading to high frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 33. A minimum value of 20
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
+
_
THS402x
CLOAD
1 k
Ω
Input
Output
50
Ω
20
Ω
Figure 33. Driving a Capacitive Load
offset nulling
The THS402x has very low input offset voltage for a high-speed amplifier. However, if additional correction is
required, an offset nulling function has been provided on the THS4021. The input offset can be adjusted by
placing a potentiometer between terminals 1 and 8 of the device and tying the wiper to the negative supply. This
is shown in Figure 34.
_
+
THS402x
VCC –
VCC+
0.1
µF
0.1
µF
10 k
Ω
Figure 34. Offset Nulling Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com