Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4601CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601CD
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4601CD Datasheet HTML 3Page - Texas Instruments THS4601CD Datasheet HTML 4Page - Texas Instruments THS4601CD Datasheet HTML 5Page - Texas Instruments THS4601CD Datasheet HTML 6Page - Texas Instruments THS4601CD Datasheet HTML 7Page - Texas Instruments THS4601CD Datasheet HTML 8Page - Texas Instruments THS4601CD Datasheet HTML 9Page - Texas Instruments THS4601CD Datasheet HTML 10Page - Texas Instruments THS4601CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
7
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small-Signal Unity Gain Frequency Response
2
Large-Signal Unity Gain Frequency Response
3
Small-Signal Frequency Response, Gain = +2
4
Small-Signal Frequency Response, Gain = +5
5
Small-Signal Frequency Response, Gain = +10
6
Small-Signal Frequency Response, Gain = +100
7
Open-Loop Gain and Phase vs Frequency
8
Voltage Noise vs Frequency
9
Rejection Ratios vs Frequency
10
Closed-Loop Output Impedance vs Frequency
11
Large-Signal Pulse Response
12
Harmonic Distortion vs Frequency
13
Harmonic Distortion vs Output Voltage Swing
14
Slew Rate vs Output Voltage Step
15
Input Bias Current vs Input Common-Mode Range
16
Common-Mode Rejection Ratio vs Input Common-Mode Range
17
Open-Loop Gain vs Temperature
18
Input Bias Current vs Temperature
19
Input Offset Current vs Temperature
20
Offset Voltage vs Temperature
21
Quiescent Current vs Temperature
22
Output Current vs Temperature
23
Output Voltage Swing vs Temperature
24
Rejection Ratios vs Temperature
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com