Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4062CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4062CD
Description  180-MHz HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4062CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4062CD Datasheet HTML 9Page - Texas Instruments THS4062CD Datasheet HTML 10Page - Texas Instruments THS4062CD Datasheet HTML 11Page - Texas Instruments THS4062CD Datasheet HTML 12Page - Texas Instruments THS4062CD Datasheet HTML 13Page - Texas Instruments THS4062CD Datasheet HTML 14Page - Texas Instruments THS4062CD Datasheet HTML 15Page - Texas Instruments THS4062CD Datasheet HTML 16Page - Texas Instruments THS4062CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
THS4061, THS4062
180-MHz HIGH-SPEED AMPLIFIERS
SLOS234D – DECEMBER 1998 – REVISED FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
–40
–20
0
20
80
TA – Free-Air Temperature – °C
60
40
7
5
4
8
6
9
10
100
VCC = ±15 V
VCC = ±5 V
Figure 19
NOISE SPECTRAL DENSITY
vs
FREQUENCY
10
100
1k
10k
f – Frequency – Hz
100k
140
0
180
100
60
160
120
80
20
40
TA = 25°C
Figure 20
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
1M
f – Frequency – MHz
10M
100k
–50
–70
–90
–110
–40
–60
–80
–100
2nd Harmonic
Gain = 2
VCC = ±15 V
RL = 150 Ω
3rd Harmonic
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
1M
f – Frequency – MHz
10M
100k
–50
–70
–90
–110
–40
–60
–80
–100
2nd Harmonic
Gain = 2
VCC = ±5 V
RL = 150 Ω
3rd Harmonic
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com