Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6032 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS6032
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6032 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6032 Datasheet HTML 17Page - Texas Instruments THS6032 Datasheet HTML 18Page - Texas Instruments THS6032 Datasheet HTML 19Page - Texas Instruments THS6032 Datasheet HTML 20Page - Texas Instruments THS6032 Datasheet HTML 21Page - Texas Instruments THS6032 Datasheet HTML 22Page - Texas Instruments THS6032 Datasheet HTML 23Page - Texas Instruments THS6032 Datasheet HTML 24Page - Texas Instruments THS6032 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
THS6032
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SLOS233C – APRIL1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown function (continued)
1 k
Ω
To Internal
Output
Node
Q2
+IN
Pin
–IN
Pin
To Output
Drive
Circuitry
Q1
Q3
Q4
Q5
Q6
+VCC(H)
IBIAS–1
IBIAS–2
DGND
QS1
IBIAS–S1
IBIAS–S2
QS2
QS3
QS4
Shut–Down Circuitry
Active
Load
Active
Load
CC(H)
–V
Figure 44. Simplified THS6032 Input Stages
Because the DGND pin voltage is effectively at a noninverting terminal, any signal or voltage fluctuation at this
node is amplified by the THS6032. This could possibly cause a noisy output to appear during shutdown
operation. Figure 45 shows the frequency response of the THS6032 due to an input signal at the DGND
terminal. The maximum DGND voltage signal which the THS6032 will follow linearly during shutdown operation
is less than
±4 V. With this dynamic range capability, it is recommended that the DGND pin be as noise-free
as possible to ensure proper transmission line termination.
Figure 45
–6
–5
–4
–3
–2
–1
0
1
2
3
DGND OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
100 k
1 M
10 M
100 M
VCC(H) = ± 15 V
VCC(L) = ± 5 V
RL = 25 Ω
VSD = +10 V
VI = DGND Pin
VO(PP) = 0.2 V
VO(PP) = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com