Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2201L Datasheet(PDF) 1 Page - HYES Optoelectronics, Inc.

Part # HT2201L
Description  LCD MODULE (176RGB220 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2201L Datasheet(HTML) 1 Page - HYES Optoelectronics, Inc.

  HT2201L Datasheet HTML 1Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 2Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 3Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2201L Datasheet HTML 9Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LCD MODULE
This is ROHS compliant
(176 × RGB × 220 Dots)
PLEASE KINDLY FIND AND APPROVE THE SPECIFICATIONS INSERTED
HEREIN AND RETURN ONE COPY HERE OF WITH YOUR SIGNATURE OF APPROVAL.
2000 Wyatt Drive Suite 6
Santa Clara, CA 95054 USA
PERPARED BY
CHECKED BY
CUSTOMER APPLICATION P/N
APPROVED BY
DATE
APPROVAL
PAGE
1
OF
24
CONFIRMED BY
PART NO.
DESCRITION
REMARKS
HT2201L
HYES Optoelectronics, Inc.


Similar Part No. - HT2201L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results

Similar Description - HT2201L

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HS1501L HYES-HS1501L Datasheet
935Kb / 20P
LCD MODULE (128 횞 RGB 횞 128)
HT1802L HYES-HT1802L Datasheet
503Kb / 22P
LCD MODULE (128 횞 RGB 횞 160 Dots)
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
LCD MODULE (176 횞 RGB 횞 220 Dots)
HT2203L HYES-HT2203L Datasheet
548Kb / 24P
LCD MODULE (240 횞 RGB 횞 320 Dots)
HT2204L HYES-HT2204L Datasheet
611Kb / 24P
LCD MODULE (240 횞 RGB 횞 320 Dots)
HT2403L HYES-HT2403L Datasheet
518Kb / 24P
LCD MODULE (240 횞 RGB 횞 320 Dots)
HT2501UL HYES-HT2501UL Datasheet
1Mb / 26P
LCD MODULE (320 횞 RGB 횞 240)
HT2501ULH HYES-HT2501ULH Datasheet
824Kb / 25P
LCD MODULE (320 횞 RGB 횞 240)
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
HT5702UL-T HYES-HT5702UL-T Datasheet
863Kb / 21P
LCD MODULE(320 횞 RGB 횞 240)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com