Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2203L Datasheet(PDF) 4 Page - HYES Optoelectronics, Inc.

Part # HT2203L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2203L Datasheet(HTML) 4 Page - HYES Optoelectronics, Inc.

  HT2203L Datasheet HTML 1Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 2Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 3Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2203L Datasheet HTML 9Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1. Basic Specfications
1.1 Display Specifications
Item
Description
Note
Resolution
240 × RGB × 320
Display mode
TFT, Normally White, Transmissive
Viewing direction
6 O'clock
Driving method
720Ch-Source, 320Ch-Gate
Backlighting
LED, White (4 chips in Parallell)
Diver IC
ILI9320, COG
Others
16-Bit, 80 Series
1.2 Mechanical Specifications
Item
Specification
Unit
Module Size (W × H × T)
39.08 × 54.22 × 2.6
mm
Viewing Area (W × H)
-
mm
Active Area (W × H)
33.48 × 44.64
mm
Dot Size (W × H)
-
mm
Dot Pitch (W × H)
0.051 × 0.153
mm
Weight
About 10
g
262K Color
TECHNICAL SPECIFICATION
Date : Feb. 19, 2008
LCM
HT2203L
Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com