Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6062 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6062
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6062 Datasheet(HTML) 1 Page - Texas Instruments

  THS6062 Datasheet HTML 1Page - Texas Instruments THS6062 Datasheet HTML 2Page - Texas Instruments THS6062 Datasheet HTML 3Page - Texas Instruments THS6062 Datasheet HTML 4Page - Texas Instruments THS6062 Datasheet HTML 5Page - Texas Instruments THS6062 Datasheet HTML 6Page - Texas Instruments THS6062 Datasheet HTML 7Page - Texas Instruments THS6062 Datasheet HTML 8Page - Texas Instruments THS6062 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ADSL Differential Line Driver and Receiver
D Driver Features
– 140 MHz Bandwidth (–3dB) With
25-
Ω Load
– 315 MHz Bandwidth (–3dB) With
100-
Ω Load
– 1000 V/
µs Slew Rate, G = 2
– 400 mA Output Current Minimum Into
25-
Ω Load
– –72 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 25-
Ω Load, and 20 VO(PP)
D Receiver Features
– 330 MHz Bandwidth (–3dB)
– 900 V/
µs Slew Rate at G = 2
– – 76 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 150-
Ω Load, and 20 VO(PP)
D Wide Supply Range ±4.5 V to ±16 V
D Available in the PowerPAD™ Package
D Improved Replacement for AD816 or
EL1501
D Evaluation Module Available
description
The THS6002 contains two high-current, high-speed drivers and two high-speed receivers. These drivers and
receivers can be configured differentially for driving and receiving signals over low-impedance lines. The
THS6002 is ideally suited for asymmetrical digital subscriber line (ADSL) applications where it supports the
high-peak voltage and current requirements of that application. Both the drivers and the receivers are current
feedback amplifiers designed for the high slew rates necessary to support low total harmonic distortion (THD)
in ADSL applications. Separate power supply connections for each driver are provided to minimize crosstalk.
HIGH-SPEED xDSL LINE DRIVER/RECEIVER FAMILY
DEVICE
DRIVER
RECEIVER
5 V
±5 V ±15 V
BW
(MHz)
SR
(V/
µs)
THD
f = 1 MHz
(dB)
IO
(mA)
Vn
(nV/
√Hz)
THS6002
•
•
•
•
140
1000
–62
500
1.7
THS6012
•
•
•
140
1300
–65
500
1.7
THS6022
•
•
•
210
1900
–66
250
1.7
THS6062
•
•
•
•
100
100
–72
90
1.6
THS7002
•
•
•
70
100
–84
25
2.0
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
VCC–
D1 OUT
VCC+
D1 IN+
D1 IN–
R1 IN–
R1 IN+
VCC+
R1 OUT
VCC–
VCC–
D2 OUT
VCC+
D2 IN+
D2 IN–
R2 IN–
R2 IN+
VCC+
R2 OUT
VCC–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DWP PACKAGE
(TOP VIEW)
Cross Section View Showing PowerPAD
CAUTION: The THS6002 provides ESD protection circuitry. However, permanent damage can still occur if this device is subjected
to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.


Similar Part No. - THS6062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI-THS6062 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6062 TI1-THS6062 Datasheet
1Mb / 23P
175mA,12V ADSL CPE LINE DRIVERS
THS6062 TI1-THS6062 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
THS6062 TI1-THS6062 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results

Similar Description - THS6062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
THS6007 TI-THS6007 Datasheet
679Kb / 36P
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com