Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75SERIES Datasheet(PDF) 3 Page - Mallory performance club

Part # 75SERIES
Description  BILLET HEI DISTRIBUTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

75SERIES Datasheet(HTML) 3 Page - Mallory performance club

  75SERIES Datasheet HTML 1Page - Mallory performance club 75SERIES Datasheet HTML 2Page - Mallory performance club 75SERIES Datasheet HTML 3Page - Mallory performance club 75SERIES Datasheet HTML 4Page - Mallory performance club 75SERIES Datasheet HTML 5Page - Mallory performance club 75SERIES Datasheet HTML 6Page - Mallory performance club 75SERIES Datasheet HTML 7Page - Mallory performance club 75SERIES Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MALLORY IGNITION
www.malloryracing.com
3
FIGURE 2
FIGURE 3
VIEW WITH CAP AND ROTOR REMOVED
NOTE: Distributor shown rotates counter-clockwise. Components in clockwise
rotation distributors (such as Chevy V8) are mounted in slightly different positions.
Pickup Screws
Rotor Flange
Rotor Flange Bolt
Reluctor
Mallory “HYFIRE”
HEI Module
Adjustable Rev Limiter
(5000 – 9500 RPM)
1/4 Female Tab Connector
To Ignition Switch 12 Volts
(no ballast or resistor wire)
To Tachometer
(if equipped)
14 Gauge or Larger
Pickup
(Gap between pickup
and reluctor should be
.015" – .030")



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com