Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8133 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS8133
Description  TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8133 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS8133 Datasheet HTML 15Page - Texas Instruments THS8133 Datasheet HTML 16Page - Texas Instruments THS8133 Datasheet HTML 17Page - Texas Instruments THS8133 Datasheet HTML 18Page - Texas Instruments THS8133 Datasheet HTML 19Page - Texas Instruments THS8133 Datasheet HTML 20Page - Texas Instruments THS8133 Datasheet HTML 21Page - Texas Instruments THS8133 Datasheet HTML 22Page - Texas Instruments THS8133 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
THS8133, THS8133A, THS8133B
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER
WITH TRI-LEVEL SYNC GENERATION
SLVS204C – APRIL 1999 – REVISED SEPTEMBER 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PHP (S-PQFP-G48)
PowerPAD
™ PLASTIC QUAD FLATPACK
Thermal Pad
(see Note D)
Gage Plane
0,13 NOM
0,25
0,45
0,75
Seating Plane
4146927/A 01/98
0,17
0,27
24
25
13
12
SQ
36
37
7,20
6,80
48
1
5,50 TYP
SQ
8,80
9,20
1,05
0,95
1,20 MAX
0,50
M
0,08
0,08
0
°–7°
0,05
0,15
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusions.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane. This pad is electrically
and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-153
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com