Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

554 Datasheet(PDF) 1 Page - Mallory performance club

Part # 554
Description  HARLEY-DAVIDSON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

554 Datasheet(HTML) 1 Page - Mallory performance club

  554 Datasheet HTML 1Page - Mallory performance club 554 Datasheet HTML 2Page - Mallory performance club 554 Datasheet HTML 3Page - Mallory performance club 554 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
INSTALLATION INSTRUCTIONS
®
FORM 1306 (REV. B) 05/01
UNILITE® CONVERSION FOR
HARLEY-DAVIDSON
Part No. 554
APPLICATIONS: 1970-78 Big Twin
All 1979-Later Big Twin models which have been
converted to mechanical advance and points
NOTES
1) The Mallory UNILITE® Conversion for Harley Davidson is a dual
fire system.
2) Any coil or combination of coils with a total primary resistance of
at least 2.0 ohms may be used. The use of coil with 2.0-3.0 ohms
is recommended for racing applications to obtain maximum spark
energy. A 3.0-4.0 ohm coil is recommended for street use to keep
the UNILITE® Module and the coil cool for maximum life. Coils
from 4.0-5.0 ohms can be used but may reduce performance, even
in street applications.
3) Check that the charging system is producing no more than 16
volts.
4) Do not use solid metal core spark plug wires. Use spiral-core
wires or carbon core. Spiral-core wires are preferable for racing
and performance applications.
INSTALLATION (See Figures 1, 2, 3, and 4)
1) Turn ignition switch to the OFF position. Disconnect the ground
cable from the battery.
2) Disconnect the wire at the coil which runs down to the points.
Remove the point cover plate.
3) Note the position of the slots in the point plate. When the Mallory
UNILITE® plate is installed, use the position of the slots to approxi-
mate the timing.
4) Remove the wire to the points. Remove the O.E. standoffs and
washers. Remove the point plate assembly.
5) Remove the O.E. cam sleeve from the advance assembly. Place
a small amount of oil on the advance shaft which supported the
cam sleeve.
6) Slide the Mallory shutter wheel onto the advance shaft. Make sure
the shutter wheel is all the way down into the advance assembly
(it will only go one way due to the roll pin in the advance
assembly).
7) Install the advance and shutter wheel into the nose cone. Make
sure that the pin on the bottom of the advance engages the slot on
the end of the camshaft. Apply Loctite to the threads and install
the advance bolt. Torque to 25 in.lb.
8) Rotate the shutter wheel by hand (counter-clockwise) and release.
It should rotate about 10 degrees and "snap" back when released.
9) Install the two Mallory standoffs. Place Loctite on the threads and
torque to 16 in.lb. Do not use any washers with the standoffs.
10) Start the three wires of the Mallory UNILITE® Module through the
hole in the nose cone housing. (The module goes in towards the
advance assembly with the flat plate outward). Pull on the three
wires to remove any slack and prevent the wires from rubbing on
the shutter wheel.
11) Rotate the UNILITE® plate assembly until the slots in the plate are
in the same position as the point plate was. This should make the
timing close enough to start the engine. Slide the two Mallory 8-32
sleeve nuts (supplied) through the UNILITE® plate and onto the
male threads of the Mallory standoffs. Tighten the sleeve nuts just
enough to prevent the plate from moving.
14) Route the wires from the UNILITE® Module to the ignition coil,
carefully avoiding the exhaust system. Connect the red wire to the
positive (+) terminal (12 volts) on the coil. Connect the green wire
to the negative (–) terminal on the coil (where the point wire was
connected). Connect the brown wire to ground. The best place for
the brown wire is the negative (–) post on the battery, however,
any part of the frame or engine which is grounded to the battery
will work.
WARNING!
Before re-connecting the battery cable, recheck all 3 of the wires from
the UNILITE® Module. If the wires are connected incorrectly, the mod-
ule will be destroyed when the ignition is placed in the ON position.
15) Extend a small screwdriver through the 1/2" hole in the UNILITE®
plate and carefully rotate the shutter wheel to make sure that the
advance is not bound up. The wheel should rotate about 10 de-
grees counter-clockwise and snap back when released. If the ad-
vance does not rotate freely, remove the UNILITE® plate and find
the source of the interference before proceeding.
16) Follow a factory shop manual to set the timing for your particular
engine. Loosen the two Mallory 8-32 sleeve nuts to rotate the
UNILITE® plate and adjust the timing. Rotating the UNILITE® plate
clockwise advances the timing, counter-clockwise retards.
17) After the timing is set, tighten the two sleeve nuts to prevent the
UNILITE® plate from rotating. Put the cover plate gasket and cover
plate in place.


Similar Part No. - 554

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
554 OSCILENT-554 Datasheet
134Kb / 2P
HCMOS / TTL
logo
Adafruit Industries
554 ADAFRUIT-554 Datasheet
123Kb / 2P
Adafruit AVR Sticker for Breadboard Arduino-compatibles - 10 pcs
7/21/2015
logo
Dialight Corporation
554-0001 DIALIGHT-554-0001 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-211 DIALIGHT-554-0001-211 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
554-0001-411 DIALIGHT-554-0001-411 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 554

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
566 MALLORY-566 Datasheet
147Kb / 4P
CONVERSION FOR HARLEY-DAVIDSON
576 MALLORY-576 Datasheet
117Kb / 2P
HARLEY DAVIDSON SPORTSTER MOTORCYCLES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com