Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

556 Datasheet(PDF) 1 Page - Mallory performance club

Part # 556
Description  BIG TWIN MOTORCYCLES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

556 Datasheet(HTML) 1 Page - Mallory performance club

  556 Datasheet HTML 1Page - Mallory performance club 556 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
UNILITE® DISTRIBUTOR FOR
1936-69 HARLEY DAVIDSON®
BIG TWIN MOTORCYCLES
Part No. 556
NOTE: THIS DISTRIBUTOR WILL NOT FIT FLAT HEAD OR SPORTSTER® ENGINES.
INSTALLATION INSTRUCTIONS
FORM 1411 (REV. D) 8/08
INSTALLATION
Step 1
Turn the ignition switch to the off position. With the point distributor still
in place and correctly timed, rotate the engine until the points begin to
open on the front cylinder lobe. The front cylinder lobe is the narrower
of the two.
If the point distributor is not installed, rotate the engine to the begin-
ning of the compression stroke. Locate the timing hole. Continue
rotating the engine until the advance mark is visible through the
timing hole.
Step 2
Remove the ground cable from the battery. Remove the point wire at
the coil. Remove the point distributor.
A 1966-69 HARLEY DAVIDSON® DISTRIBUTOR CLAMP (ORIGINAL OR AFTERMARKET)
IS REQUIRED TO INSTALL THIS DISTRIBUTOR. BECAUSE THE UNILITE® MODULE USED
WITH THIS DISTRIBUTOR REQUIRES 7-16 VOLTS, A 12 VOLT ELECTRICAL SYSTEM IS
ALSO REQUIRED.
IMPORTANT
FIGURE A
BUTTON HEAD SCREW, 3 PLACES
UNILITE® MODULE
TOP
GROMMET
ADVANCE ASSEMBLY
INCLUDES YH ADVANCE
AND DISTRIBUTOR SHAFT
HOUSING ASSEMBLY
SHUTTER WHEEL
THRUST WASHER
GEAR
O-RING
ROLL PIN
.010" END PLAY
GENERAL INFORMATION
Any coil or combination of coils with a total primary resistance of at
least 2.0 ohms can be used with this distributor. We recommend a
2-3 ohm coil for racing and a 3-4 ohm coil for street use. A coil with
4-5 ohms resistance may be used. However, performance may be
reduced, even in street applications. NOTE: Check the charging
system and make sure that it is producing no more than 16 volts.
We recommend a spark plug gap of .040” when using a 2-3 ohm
coil. A gap of .030” is recommended when using a 3-4 ohm coil.
An optional spring kit (PN 29014) is available for this distributor.
The kit gives you a choice of 14 different advance curve settings.


Similar Part No. - 556

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
Computer Grade, Axial Leaded, Aluminum
logo
List of Unclassifed Man...
556 ETC2-556 Datasheet
1Mb / 16P
Drywall Punch
logo
Keystone Electronics Co...
556 KEYSTONE-556 Datasheet
445Kb / 1P
SURFACE MOUNT BATTERY CLIPS/CONTACTS
31-07 20th
logo
Adafruit Industries
556 ADAFRUIT-556 Datasheet
83Kb / 1P
10-pin Socket/Socket IDC cable - Short 1.5"
logo
EDAC, All Rights Reserv...
556-003-000-101 EDAC-556-003-000-101 Datasheet
243Kb / 2P
556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
More results

Similar Description - 556

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
20mm BIG LAMP
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
BIG SOZA CELL
logo
Mallory performance clu...
576 MALLORY-576 Datasheet
117Kb / 2P
HARLEY DAVIDSON SPORTSTER MOTORCYCLES
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
BIG SOZA CELL
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
BIG SOZA CELL
BSOZAA40M CHENYI-BSOZAA40M Datasheet
48Kb / 2P
BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com