Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

562 Datasheet(PDF) 1 Page - Mallory performance club

Part # 562
Description  ELECTRONIC BREAKERLESS CONVERSION KIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

562 Datasheet(HTML) 1 Page - Mallory performance club

  562 Datasheet HTML 1Page - Mallory performance club 562 Datasheet HTML 2Page - Mallory performance club 562 Datasheet HTML 3Page - Mallory performance club 562 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNILITE
® ELECTRONIC BREAKERLESS CONVERSION KIT
FOR MALLORY POINT DISTRIBUTORS
NOTE: This product is legal in California only for racing vehicles which may never be operated upon a highway.
INSTALLATION INSTRUCTIONS
FORM 1466 (REV. D) 10/03
APPLICATIONS
Part No. 558
Mallory 8 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 209
or 209D)
Part No. 559
Mallory 8 cylinder point distributors
(automotive and marine) which use
a flat cap (Part No. 221 or 221B)
Part No. 560
Mallory 6 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 270
or 270B)
Part No. 561
Mallory 6 cylinder point distributors
(automotive and marine) which use a
mini bowl cap (Part No. 226 or 226B)
Part No. 562
Mallory 4 cylinder point distributors
(automotive and marine) which use
a standard stack cap (Part No. 271
or 271B)
Part No. 563
Mallory 4 cylinder point distributors
(automotive and marine) which use a
mini bowl cap (Part No. 225 or 225B)
PARTS INCLUDE IN THIS KIT:
1
UNILITE® Plate Assembly
1
Wire Harness
1
Rotor/Shutter Wheel Assembly (PN 559 contains
2 rotor/shutter wheel assemblies)
1
Wire Connector
1
Grommet, 3-Hole (Marine Approved)
2
Pins, Aluminum
1
Thrust Button
WARNING
You must install the UNILITE® Conversion Kit
exactly as shown in these instructions. After the
kit is installed—and before you start the engine—
check all wiring again. Mis-wiring will cause the
UNILITE® Ignition to fail immediately.
INSTALLATION
Step 1
Remove the cap and rotor, then remove the con-
denser. Remove the plastic insulators (see Figure 1).
Step 2
Loosen the 2 nuts that hold the cap clips/brackets in
place (see Figure 1).
NOTE: To loosen the nuts on a marine distributor,
the aluminum pins in the brackets may need to
be cut in two and removed. Replacement pins
are provided.
Step 3
Remove the point plate assembly by lifting it out of
the housing (see Figure 1).
MALLORY IGNITION
www.mrgasket.com
1
IMPORTANT
All kits listed below must be used with an ignition ballast resistor (or loom resistance wire) to prevent
module failure. If your vehicle is not equipped with a ballast resistor or loom resistance wire, Mallory
Ballast Resistor (Part No. 700) may be used. These kits do not work with vacuum advance distributors.
FIGURE 1
Condenser
Insulators
Point Plate
Cap Clip Nuts


Similar Part No. - 562

ManufacturerPart #DatasheetDescription
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
67Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Oscilent Corporation
562 OSCILENT-562 Datasheet
134Kb / 2P
PECL Output
logo
Littelfuse
562 LITTELFUSE-562 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
562 ADAFRUIT-562 Datasheet
137Kb / 2P
Panel Mount 10K potentiometer (Breadboard Friendly) 10K Linear
2-6-24
logo
Walther-Werke
562 WALTHER-562 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 562

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
564R MALLORY-564R Datasheet
172Kb / 4P
MAGNETIC BREAKERLESS CONVERSION KIT FOR MALLORY DISTRIBUTORS
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
Electronic DMM Test Lead Kit
6174 POMONA-6174 Datasheet
76Kb / 1P
Electronic Test Companion Kit
6344 POMONA-6344 Datasheet
27Kb / 1P
Basic Electronic Test Lead Kit
logo
Mallory performance clu...
5048201 MALLORY-5048201 Datasheet
127Kb / 4P
MAGNETIC BREAKERLESS DISTRIBUTOR
5764501 MALLORY-5764501 Datasheet
127Kb / 4P
MAGNETIC BREAKERLESS DISTRIBUTOR
logo
Extech Instruments Corp...
TL809 EXTECH-TL809 Datasheet
257Kb / 1P
Electronic Test Lead Kit
logo
Keysight Technologies
U3000A KEYSIGHT-U3000A Datasheet
455Kb / 9P
Electronic Instrumentation Training Kit
logo
PHOENIX CONTACT
1212376 PHOENIX-1212376 Datasheet
45Kb / 2P
Conversion kit - CF 3000-TOOLKIT 0,25
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
2 PIECE RACK CONVERSION KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com