Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628 Datasheet(PDF) 2 Page - Mallory performance club

Part # 628
Description  RPM ACTIVATED SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

628 Datasheet(HTML) 2 Page - Mallory performance club

  628 Datasheet HTML 1Page - Mallory performance club 628 Datasheet HTML 2Page - Mallory performance club 628 Datasheet HTML 3Page - Mallory performance club 628 Datasheet HTML 4Page - Mallory performance club 628 Datasheet HTML 5Page - Mallory performance club 628 Datasheet HTML 6Page - Mallory performance club 628 Datasheet HTML 7Page - Mallory performance club 628 Datasheet HTML 8Page - Mallory performance club 628 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
WIRING PROCEDURE
Step 1
Connect the BLACK WIRE to engine or chassis ground. You can use the supplied “U” shaped terminal and #6 x
1⁄4" sheet metal screws to make this connection. If you are connecting the RPM Activated Switch to an after-
market ignition system such as a Mallory HYFIRE®, use the same grounding location that the ignition uses. See
Figures 4-9, pages 7-12.
Step 2
Connect the RED WIRE to a 12-volt power supply, such as the ignition switch. You can use the same wire that
provides power for your ignition as long as a ballast resistor is not wired in series with it.
NOTE: Do NOT con-
nect the RED WIRE to the coil (+) terminal. Connect it to the wire coming directly from the ignition switch. If
your vehicle is equipped with loom resistance wire, you must provide an alternate power connection to the
red wire.
Step 3
The GREEN WIRE must be connected to the ignition system tach output.
• When using a Mallory ignition system, connect the GREEN WIRE to the TACH terminal. See Figures 2, 3
and 4.
• When using an aftermarket ignition with a TACH output, connect the GREEN WIRE to the TACH terminal.
Check manufacture’s ignition instructions to find this location.
• Other aftermarket ignitions - Connect the GREEN WIRE to the tachometer lead terminal. Check manufac-
turer’s ignition instructions to find this location.
Step 4
To connect a device that you want to switch ON at the RPM setting you’ve selected, such as a shift light, connect
one ORANGE WIRE to the device and the other ORANGE WIRE to a 12-volt power supply. Connect the remain-
ing wire from the device to a ground. See Figure 5, page 8.
Step 5
To connect a device that you want to switch OFF at the RPM setting you’ve selected, such as a nitrous solenoid,
connect one PURPLE WIRE to the device and the other PURPLE WIRE to a 12-volt power supply. Connect the
remaining wire from the device to a ground. See Figure 6, page 9.
Step 6
Secure all wires to prevent contact with extreme heat, sharp objects, or moving devices, such as fans, belts, and
linkages.
Step 7
Recheck all wires and connections to ensure that they are correct before applying power.
Step 8
Reconnect the battery (–) terminal cable. Start engine and check operation of the RPM Activated Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com