Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2496 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2496
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2496 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2496 Datasheet HTML 1Page - KR Electronics, Inc. 2496 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 5 dB
CENTER
.100 000 MHz
SPAN
.100 000 MHz
Cor
PRm
6 Oct 2003 16:40:20
KR 2496 Notch Filter
KR 2496 is a 100 KHz notch filter. Please consult the factory
for other frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Notch filter
• 100 KHz
• 50 Ω
• BNC connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 2496

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2496170000 WEIDMULLER-2496170000 Datasheet
240Kb / 7P
BLZ 7.50/04/180 SN RD BX
2496200000 WEIDMULLER-2496200000 Datasheet
577Kb / 5P
SL 5.08HC/03/180B 4.5SN OR BX
2496210000 WEIDMULLER-2496210000 Datasheet
577Kb / 5P
SL 5.08HC/04/180B 4.5SN OR BX
2496220000 WEIDMULLER-2496220000 Datasheet
577Kb / 5P
SL 5.08HC/05/180B 4.5SN OR BX
2496230000 WEIDMULLER-2496230000 Datasheet
576Kb / 5P
SL 5.08HC/07/180B 4.5SN OR BX
More results

Similar Description - 2496

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
2592 KR-2592 Datasheet
17Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com