Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2555 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2555
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2555 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2555 Datasheet HTML 1Page - KR Electronics, Inc. 2555 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S 21
log MAG
8 dB/
REF 0 dB
CENTER 65.000 000 MHz
SPAN 65.000 000 MHz
Cor
PRm
8 Sep 2004 10:40:08
1
2
3
1_:-56.381 dB
65.000 000 MHz
2_:-1.2798 dB
54.1 MHz
3_:-1.3879 dB
78.1 MHz
KR Electronics 2555 Notch Filter
KR 2555 is a 65 MHz differential notch filter. The filter is de-
signed for 100
Ω source and load impedance. Other notch fre-
quencies, bandwidths and impedances are available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Differential Notch Filter
• 100 Ω
• DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Similar Part No. - 2555

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2555 ETC2-2555 Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
2555 ETC2-2555 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Heyco.
2555 HEYCO-2555 Datasheet
154Kb / 1P
Threaded Smooth Bore Bushings
logo
SCHOTT CORPORATION
25550 SCHOTT-25550 Datasheet
35Kb / 1P
INDUCTOR
25551 SCHOTT-25551 Datasheet
34Kb / 1P
INDUCTOR
More results

Similar Description - 2555

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com