Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7002EVM Datasheet(PDF) 2 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 2 Page - Texas Instruments

  THS7002EVM Datasheet HTML 1Page - Texas Instruments THS7002EVM Datasheet HTML 2Page - Texas Instruments THS7002EVM Datasheet HTML 3Page - Texas Instruments THS7002EVM Datasheet HTML 4Page - Texas Instruments THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND-A
PGA-A REF
PGA-A IN–
PREAMP OUT A
PREAMP-A IN–
PREAMP-A IN+
PREAMP VCC–
PREAMP VCC+
PREAMP-B IN+
PREAMP-B IN–
PREAMP OUT B
PGA-B IN–
PGA-B REF
GND-B
G0-A
G1-A
G2-A
SHDN–A
PGA-A OUT
CLAMP– (VL)
PGA VCC–
PGA VCC+
CLAMP+ (VH)
PGA-B OUT
SHDN–B
G2-B
G1-B
G0-B
THS7002
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
VREFPGA
–VINPGA
VOUTPre-AMP
–VINPre-Amp
+VINPre-Amp
VCC–Pre-Amp
VCC+Pre-Amp
Spare/NC
Spare/NC
G0
G1
G2
SHDN
VOUTPGA
VLNegative Clamp
VCC–PGA
VCC+PGA
VHPositive Clamp
Spare/NC
THS7001
PWP PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
NUMBER OF
PACKAGED DEVICES
EVALUATION
TA
NUMBER OF
CHANNELS
PowerPAD PLASTIC TSSOP
(PWP)
EVALUATION
MODULE
0
°Cto70°C
1
THS7001CPWP
THS7001EVM
0
°C to 70°C
2
THS7002CPWP
THS7002EVM
40
°Cto85°C
1
THS7001IPWP
—
– 40
°C to 85°C
2
THS7002IPWP
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com