Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3175 Datasheet(PDF) 1 Page - Mallory performance club

Part # 3175
Description  INLINE FUEL FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

3175 Datasheet(HTML) 1 Page - Mallory performance club

  3175 Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
INSTALLATION INSTRUCTIONS
INLINE FUEL FILTER
PART NO. 3175
1. This filter is supplied with a 40 micron pleated stain-
less steel filter disc suitable for use as a pre-filter for
Mallory fule pumps or as a filter to protect carburetors.
2. Fuel flow can be either direction through the filter.
3. This filter may be used to filter gasoline or alcohol or
any other type of petroleum based fuel.
4. Maximum recommended flow is 500 gallons per hour
for a clean filter. The larger the flow, the more fre-
quent the filter disc must be cleaned.
5. In most cases, the filter disc can be cleaned and re-
used indefinitely. To clean the filter disc, back flush
the filter by flowing fuel in the opposite direction of
normal flow into a bucket. This will remove most types
of debris. If the debris refuses to come out, the filter
disc can be replaced.
6. This filter is supplied with a fitting that will screw di-
rectly into the inlet of a Mallory 250, 110FI, or 160FI
pump so that the filter functions as a pre-filter. Alter-
native fittings may be used to mount the filter in other
types/sizes of fuel lines.
7. The o-rings used in this filter are made from Buna-N
(Nitrile).
The plug o-ring is a #2-125.
The port o-rings are standard -10AN size (#3-910)
The fitting o-ring is a standard -8AN size (#3-908)
These o-rings are available at many automotive parts
stores if they need to be replaced. The o-rings are also
included with replacement filter discs available from
Mallory.
8. Replacement filter discs (includes o-rings):
Part #3176: 40 micron (for use as a pump pre-filter
or to protect carbs)
500 GPH Max
Part #3177: 5 micron (to protect fuel injectors)
200 GHP Max
FIGURE 1
–8 PORT FITTING
–8 AN FITTING
FITTING O-RING
PLUG O-RING
PORT O-RING
(2 PLACES)
PLUG
FILTER DISC
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NEVADA 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM 1547
(REV. A) 05/02
Made in U.S.A.
Printed in U.S.A.


Similar Part No. - 3175

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
147Kb / 8P
HALL-EFFECT LATCHES
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3175 KR-3175 Datasheet
58Kb / 3P
247.5 MHz Bandpass Filter
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
68Kb / 1P
WASHERS
More results

Similar Description - 3175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
Multichemistry Fuel Garge
020105
logo
Mallory performance clu...
4070 MALLORY-4070 Datasheet
260Kb / 4P
ELECTRIC FUEL PUMP
4305M MALLORY-4305M Datasheet
130Kb / 2P
FUEL PRESSURE REGULATOR FOR FUEL INJECTION
logo
List of Unclassifed Man...
FS-002 ETC2-FS-002 Datasheet
128Kb / 2P
FUEL SENDERS
logo
Mallory performance clu...
PN5250 MALLORY-PN5250 Datasheet
436Kb / 8P
Mallory Fuel Series 250 Electric Fuel Pump
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
Mallory Fuel Series 70 Electric Fuel Pump
PN29238B MALLORY-PN29238B Datasheet
79Kb / 2P
Mallory Fuel Filter Series 160
PN29249 MALLORY-PN29249 Datasheet
79Kb / 2P
Mallory Fuel Filter Series 160
PN29389 MALLORY-PN29389 Datasheet
151Kb / 2P
Competition Fuel Pressure Regulator For Fuel Injection
PN29929 MALLORY-PN29929 Datasheet
152Kb / 2P
Fuel Pressure Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com