Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVI10.5 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI10.5
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI10.5 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI10.5 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI10.5 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-6-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 100.0 g (3.50 Oz.)
DUAL OUTPUT
MAIN VO1 @
AUX. ±VO2 ● or †
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max./Pk.
HVI10.5-D033E
2.5A
+3.3V
3.0A
0.5A
5.0V
1.0A/-
HVI10.5-D033I
2.5A
+3.3V
3.0A
0.2A
12.0V
1.0A/2.0A
HVI10.5-D033K
2.5A
+3.3V
3.0A
0.2A
15.0V
1.0A/2.0A
HVI10.5-D050I
1.8A
+5.0V
2.5A
0.2A
12.0V
1.0A/2.0A
HVI10.5-D050K
1.8A
+5.0V
2.5A
0.2A
15.0V
1.0A/2.0A
Symbol: " " OVP built-in. "@" Adjustable. "●" Installed with Post Regulator. "±" Factory set.
Remark: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Peak output, less than 60 sec. with 10% duty cycle.
(3) Max. current can't be drawn from all output at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
DUAL OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL AC-GROUND
VO1
VO2
DC COM
CONNECTOR
&PIN #
P1-L
P1-N
P1-G
P2-2,3
P2-4
P2-1
Mating connector: P1,2 Molex # 5195 or 5239 series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com