Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIBPAL20R4-10CFN Datasheet(PDF) 9 Page - Texas Instruments

Part # TIBPAL20R4-10CFN
Description  HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20R4-10CFN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIBPAL20R4-10CFN Datasheet HTML 5Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 6Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 7Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 8Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 9Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 10Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 11Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 12Page - Texas Instruments TIBPAL20R4-10CFN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TIBPAL20L8-10C, TIBPAL20R4-10C, TIBPAL20R6-10C, TIBPAL20R8-10C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS008A – D3336, OCTOBER 1989 – REVISED MARCH 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
9
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
– 3.2
mA
IOL
Low-level output current
24
mA
fclock†
Clock frequency
0
71.4
MHz
High
7
Low
7
tsu†
Setup time, input or feedback before clock
↑
10
ns
th†
Hold time, input or feedback after clock
↑
0
ns
TA
Operating free-air temperature
0
25
75
°C
† fclock, tw, tsu, and th do not apply for TIBPAL20L8’.
NOTE 2: These are absolute voltage levels with respect to the ground pin of the device and include all overshoots due to system and/or tester
noise. Testing these parameters should not be attempted without suitable equipment.
ns
Pulse duration, clock (see Note 2)
tw†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com