Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL026CD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL026CD
Description  DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL026CD Datasheet(HTML) 5 Page - Texas Instruments

  TL026CD Datasheet HTML 1Page - Texas Instruments TL026CD Datasheet HTML 2Page - Texas Instruments TL026CD Datasheet HTML 3Page - Texas Instruments TL026CD Datasheet HTML 4Page - Texas Instruments TL026CD Datasheet HTML 5Page - Texas Instruments TL026CD Datasheet HTML 6Page - Texas Instruments TL026CD Datasheet HTML 7Page - Texas Instruments TL026CD Datasheet HTML 8Page - Texas Instruments TL026CD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL026C
DIFFERENTIAL HIGH-FREQUENCY AMPLIFIER WITH AGC
SLFS007A – JUNE 1985 – REVISED JULY 1990
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
gain characteristics
Figure 5 shows the differential voltage amplification versus the differential gain-control voltage (VAGC – Vref).
VAGC is the absolute voltage applied to the AGC input and Vref is the dc voltage at the REF OUT output. As VAGC
increases with respect to Vref, the TL026C gain changes from maximum to minimum. As shown in Figure 5 for
example, VAGC would have to vary from approximately 180 mV less than Vref to approximately 180 mV greater
than Vref to change the gain from maximum to minimum. The total signal change in VAGC is defined by the
following equation.
∆VAGC = Vref + 180 mV – (Vref – 180 mV)
∆VAGC = 360 mV
(1)
However, because VAGC varies as the ac AGC signal varies and also differentially around Vref, then VAGC should
have an ac signal component and a dc component. To preserve the dc and thermal tracking of the device, this
dc voltage must be generated from Vref. To apply proper bias to the AGC input, the external circuit used to
generate VAGC must combine these two voltages. Figures 6 and 7 show two circuits that will perform this
operation and are easy to implement. The circuits use a standard dual operational amplifier for AGC feedback.
By providing rectification and the required feedback gain, these circuits are also complete AGC systems.
circuit operation
Amplifier A1 amplifies and inverts the rectified and filtered AGC signal voltage VC producing output voltage V1.
Amplifier A2 is a differential amplifier that inverts V1 again and adds the scaled Vref voltage. This conditioning
makes VAGC the sum of the signal plus the scaled Vref. As the signal voltage increases, VAGC increases and
the gain of the TL026C is reduced. This maintains a constant output level.
feedback circuit equations
Following the AGC input signal (Figures 6 and 7) from the OUT output through the feedback amplifiers to the
AGC input produces the following equations:
(2)
1. AC ouput to diode D1, assuming sinusoidal signals
VO = VOP (sin (wt))
where:
VOP = peak voltage of VO
(3)
2. Diode D1 and capacitor C1 output
VC = VOP – VF
where:
VF = forward voltage drop of D1
VC = voltage across capacitor C1
(4)
3. A1 output
V1
+* R2
R1
V
C
(5)
4. A2 output (R3 = R4)
V
AGC +
R2
R1
V
C )
2
R6
R5
) R6
V
ref



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com