Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL022CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL022CP
Description  DUAL LOW-POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL022CP Datasheet(HTML) 1 Page - Texas Instruments

  TL022CP Datasheet HTML 1Page - Texas Instruments TL022CP Datasheet HTML 2Page - Texas Instruments TL022CP Datasheet HTML 3Page - Texas Instruments TL022CP Datasheet HTML 4Page - Texas Instruments TL022CP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TL022C, TL022M
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
SLOS076 – SEPTEMBER 1973 – REVISED SEPTEMBER 1990
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very Low Power Consumption
D Power Dissipation With ±2-V Supplies
170
µW Typ
D Low Input Bias and Offset Currents
D Output Short-Circuit Protection
D Low Input Offset Voltage
D Internal Frequency Compensation
D Latch-Up-Free Operation
D Popular Dual Operational Amplifier Pinout
TL022M IS NOT RECOMMENDED FOR
NEW DESIGNS
description
The TL022 is a dual low-power operational
amplifier designed to replace higher power
devices in many applications without sacrificing
system performance. High input impedance, low
supply currents, and low equivalent input noise
voltage over a wide range of operating supply
voltages
result
in
an
extremely
versatile
operational amplifier for use in a variety of analog
applications including battery-operated circuits.
Internal frequency compensation, absence of
latch-up, high slew rate, and output short-circuit
protection assure ease of use.
The TL022C is characterized for operation from 0
°C to 70°C. The TL022M is characterized for operation over
the full military temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
CERAMIC DIP
PLASTIC DIP
CERAMIC FLAT PACK
AT 25 C
(D)
(JG)
(P)
CERAMIC FLAT PACK
(U)
0
°C to 70°C
5 mV
TL022CD
—
TL022CP
—
–55
°C to 125°C
5 mV
—
TL022MJG
—
TL022MU
The D package is available taped and reeled. Add the suffix R to the device type (i.e. TL022CDR).
Copyright
© 1990, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
symbol (each amplifier)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC
2OUT
2IN –
2IN +
TL022M ...JG PACKAGE
TL022C ...D OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
1OUT
1IN –
1IN +
VCC –
NC
VCC+
2OUT
2IN –
2IN +
TL022M ...U PACKAGE
(TOP VIEW)
IN +
OUT
IN –


Similar Part No. - TL022CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022CP TI1-TL022CP Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
TL022CP TI2-TL022CP Datasheet
562Kb / 16P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 1990
TL022CP.A TI2-TL022CP.A Datasheet
562Kb / 16P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 1990
TL022CPE4 TI1-TL022CPE4 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
TL022CPSR TI1-TL022CPSR Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TL022CP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com