Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APGV Datasheet(PDF) 1 Page - Ralston Instruments.

Part # APGV
Description  Pneumatic Hand Pumps with Gauge Connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

APGV Datasheet(HTML) 1 Page - Ralston Instruments.

  APGV Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Pneumatic Hand Pumps with Gauge Connection (scissor handle)
APGV (300 psi / 20 bar)
Specifications
Pump connection type
National Pipe Thread (NPT)
British Parallel Thread (BSPP)*
Maximum pressure
300 psi (20 bar)
300 psi (20 bar)
Style
Scissor handle
Scissor handle
Pressure media
Air
Air
Fine adjust resolution
± 0.01 psi (0.7 mbar)
± 0.01 psi (0.7 mbar)
Reference connection (brass)
1/4” female NPT swivel (SWIV-2FBW)
1/2” female BSPP swivel (SWIV-4GBW)
Outlet port (brass)
Male Quick-test (QTHA-3SB0)
Male Quick-test (QTHA-3SB0)
Calibration hose (brass ends)
3 ft (92 cm) long (QTQT-HOS-3’)
1 m (3.3 ft) long (QTQT-HOS-1m)
Process connection (brass)
1/4” male NPT (QTHA-2MB0)
1/4” female BSPP (QTHA-2FB0-RG)
Construction
Aluminum, brass, plated steel
Aluminum, brass, plated steel
Seal material
Buna-N,Teflon™, Delrin™
Buna-N,Teflon™, Delrin™
Weight
1.6 lb (730 g)
1.6 lb (730 g)
Ordering Information
APGV pump with brass NPT connections
Model
Description
APGV-0000
APGV pump with hose, NPT gauge swivel and process connection
APGV pump with brass BSPP connections*
Model
Description
APGV-4GBW
APGV pump with hose, BSPP gauge swivel and process connection
* Not for sale in North American market
For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or detailed specification sheet.
For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments Pressure
Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.
Quick and efficient pneumatic field testing of pressure
transmitters, gauges or switches is aided by an integral
gauge adapter which allows the user to quickly attach a
precision test gauge to the pump.
Features:
• Portable,handoperatedpumpeasilygenerates300psi
(20 bar) without electricity or compressed air
• Light,compactpumpcanbeeasilytransportedtoremote
locations
• Fineadjustmentpistonallowstheusertoachievean
exact pressure for cardinal point pressure calibrations
• Preciselyventpressurewithsoftseatedbleedvalve
• Quick-disconnectgaugeadapterallowschangingtest
gauges without using a wrench
• LowvolumeQuick-testhose,gaugeadapterandprocess
connection can be attached to pump without thread
sealant or a wrench
• Rugged,allmetalconstructionimprovestemperature
and pressure stability
• MadeinU.S.A.


Similar Part No. - APGV

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
APGV-0000 RALSTON-APGV-0000 Datasheet
316Kb / 1P
Quick and efficient pneumatic field testing of pressure transmitters, gauges or switches.
APGV-100PSIG-D RALSTON-APGV-100PSIG-D Datasheet
511Kb / 2P
Calibrate pressure instrumentation to 300 psi with air using the included pressure gauge
APGV-100PSIG-M RALSTON-APGV-100PSIG-M Datasheet
501Kb / 2P
Calibrate pressure instrumentation to 300 psi with air using the included pressure gauge
APGV-200PSIG-D RALSTON-APGV-200PSIG-D Datasheet
511Kb / 2P
Calibrate pressure instrumentation to 300 psi with air using the included pressure gauge
APGV-200PSIG-M RALSTON-APGV-200PSIG-M Datasheet
501Kb / 2P
Calibrate pressure instrumentation to 300 psi with air using the included pressure gauge
More results

Similar Description - APGV

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AP0V RALSTON-AP0V Datasheet
511Kb / 1P
Pneumatic Hand Pumps with no Gauge Connection
DP0V RALSTON-DP0V Datasheet
371Kb / 1P
Pneumatic Hand Pumps
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
Pneumatic Pressure / Vacuum Hand Pumps
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
HPGV-0000 RALSTON-HPGV-0000 Datasheet
347Kb / 1P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
HPGV-1KPSIG-D RALSTON-HPGV-1KPSIG-D_14 Datasheet
566Kb / 2P
Pressure source and gauge in one hand. Directly connect to a process connection and calibrate using your precision gauge
HPGV-1KPSIG-M RALSTON-HPGV-1KPSIG-M_14 Datasheet
562Kb / 2P
Pressure source and gauge in one hand. Directly connect to a process connection and calibrate using your precision gauge
HPGV-3KPSIG-D RALSTON-HPGV-3KPSIG-D_14 Datasheet
566Kb / 2P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
HPGV-3KPSIG-M RALSTON-HPGV-3KPSIG-M_14 Datasheet
562Kb / 2P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
HPGV-4GBW RALSTON-HPGV-4GBW_14 Datasheet
347Kb / 1P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com