Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP0V Datasheet(PDF) 1 Page - Ralston Instruments.

Part # DP0V
Description  Pneumatic Hand Pumps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

DP0V Datasheet(HTML) 1 Page - Ralston Instruments.

  DP0V Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Pneumatic Hand Pumps (direct acting)
DP0V (100 psi / 7 bar)
Specifications
Pump connection type
National Pipe Thread (NPT)
British Parallel Thread (BSPP)*
Maximum pressure:
100 psi (7 bar)
100 psi (7 bar)
Style
Direct acting
Direct acting
Pressure media
Air
Air
Fine adjust resolution
± 0.001 psi (0.07 mbar)
± 0.001 psi (0.07 mbar)
Reference connection (brass)
See below
See below
Outlet port 1 (brass)
Male Quick-test (QTHA-3SB0)
Male Quick-test (QTHA-3SB0)
Outlet port 2 (brass)
Male Quick-test with cap and chain (QTFT-3SB0)
Male Quick-test with cap and chain (QTFT-3SB0)
Calibration hose (brass ends)
(1) 3 ft (92 cm) long (QTQT-HOS-3’)
(1) 1 m (3.3 ft) long (QTQT-HOS-1m)
Process connection (brass)
(1) 1/4” male NPT (QTHA-2MB0)
(1) 1/4” female BSPP (QTHA-2FB0-RG)
Construction
Anodized aluminum, brass, plated steel
Anodized aluminum, brass, plated steel
Seal material
Buna-N,Teflon™, Delrin™
Buna-N,Teflon™, Delrin™
Weight
1.6 lb (725 g)
1.6 lb (725 g)
Ordering information
DP0V pumps with NPT connections
Model
Description
DP0V-1MBA
DP0V pump, 1/8” male NPT gauge adapter (QTHA-1MBA), hose, process connection
DP0V-2MBA
DP0V pump, 1/4” male NPT gauge adapter (QTHA-2MBA), hose, process connection
DP0V-2FBA
DP0V pump, 1/4” female NPT gauge adapter (QTHA-2FBA), hose, process connection
DP0V-0000
DP0V pump, no gauge adapter, with hose and process connection
DP0V pumps with BSPP connections*
Model
Description
DP0V-2FBA-RG
DP0V pump, 1/4” female BSPP gauge adapter (QTHA-2FBA-RG), hose, process connection
DP0V-3FBA-RG
DP0V pump, 3/8” female BSPP gauge adapter (QTHA-3FBA-RG), hose, process connection
DP0V-4FBA-RG
DP0V pump, 1/2” female BSPP gauge adapter (QTHA-4FBA-RG), hose, process connection
* Not for sale in North American market
For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or detailed specification sheet.
For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments Pressure
Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.
The most economical solution for very precise low pressure
calibration using a precision test gauge or pressure calibra-
tor as the reference.
Features:
• Lightweight,compactpumpgeneratesupto100psi(7
bar) with ease
• Largevolumefineadjustmentpistonprovidesprecise
control, even at very low pressures
• Modulardesignmakesfieldmaintenancequickandeasy
• Preciselyventpressurewithsoftseatedbleedvalve
• Twooutletportsprovideconnectionsforbothpressure
reference and for device under test thus eliminating a tee
• LowvolumeQuick-testhose,gaugeadapterandprocess
connection can be attached to pump without thread seal-
ant or a wrench
• Rugged,allmetalconstructionreducespressurechanges
due to temperature fluctuations
• MadeinU.S.A.


Similar Part No. - DP0V

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-0000 RALSTON-DP0V-0000 Datasheet
321Kb / 1P
DP0V pump, no gauge adapter, with hose and process connection
DP0V-0000 RALSTON-DP0V-0000_16 Datasheet
321Kb / 1P
Light weight, compact pump generates up to 125 psi (8.6 bar) with ease
DP0V-0005 RALSTON-DP0V-0005 Datasheet
284Kb / 1P
DP0V pump body, aluminum
DP0V-0010 RALSTON-DP0V-0010 Datasheet
316Kb / 1P
DPPV fine adjustment vernier assembly
DP0V-0015 RALSTON-DP0V-0015 Datasheet
297Kb / 1P
DP0V pumping piston assembly
More results

Similar Description - DP0V

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AP0V RALSTON-AP0V Datasheet
511Kb / 1P
Pneumatic Hand Pumps with no Gauge Connection
APGV RALSTON-APGV Datasheet
409Kb / 1P
Pneumatic Hand Pumps with Gauge Connection
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
Pneumatic Pressure / Vacuum Hand Pumps
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
QTFT-3SB0 RALSTON-QTFT-3SB0 Datasheet
339Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTFT-3SB0-LV RALSTON-QTFT-3SB0-LV Datasheet
339Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTFT-5SB0 RALSTON-QTFT-5SB0 Datasheet
339Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTHA-3SB0 RALSTON-QTHA-3SB0 Datasheet
330Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTHA-3SSA-LD RALSTON-QTHA-3SSA-LD Datasheet
206Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTHA-5SB0 RALSTON-QTHA-5SB0_19 Datasheet
543Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com