Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPPV Datasheet(PDF) 1 Page - Ralston Instruments.

Part # DPPV
Description  Pneumatic Pressure / Vacuum Hand Pumps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

DPPV Datasheet(HTML) 1 Page - Ralston Instruments.

  DPPV Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Pneumatic Pressure / Vacuum Hand Pumps (direct acting)
DPPV (100 psi / 7 bar) pressure, (-25” Hg / -635 mm Hg) vacuum
Specifications
Pump connection type
National Pipe Thread (NPT)
British Parallel Thread (BSPP)*
Maximum pressure
100 psi (7 bar)
100 psi (7 bar)
Maximum vacuum
-25” Hg (-635 mm Hg)
-25” Hg (-635 mm Hg)
Style
Direct acting
Direct acting
Pressure media
Air
Air
Fine adjust resolution
± 0.001 psi (0.07 mbar)
± 0.001 psi (0.07 mbar)
Reference connection (brass)
See below
See below
Outlet port 1 (brass)
Male Quick-test (QTHA-3SB0)
Male Quick-test (QTHA-3SB0)
Outlet port 2 (brass)
Male Quick-test with cap and chain (QTFT-3SB0)
Male Quick-test with cap and chain (QTFT-3SB0)
Calibration hose (brass ends)
(1) 3 ft (92 cm) long (QTQT-HOS-3’)
(1) 1 m (3.3 ft) long (QTQT-HOS-1m)
Process connection (brass)
(1) 1/4” male NPT (QTHA-2MB0)
(1) 1/4” female BSPP (QTHA-2FB0-RG)
Construction
Anodized aluminum, brass, plated steel
Anodized aluminum, brass, plated steel
Seal material
Buna-N,Teflon™, Delrin™
Buna-N,Teflon™, Delrin™
Weight
1.9 lb (860 g)
1.9 lb (860 g)
Ordering Information
DPPV pumps with NPT connections
Model
Description
DPPV-1MBA
DPPV pump, 1/8” male NPT gauge adapter (QTHA-1MBA), hose, process connection
DPPV-2MBA
DPPV pump, 1/4” female NPT gauge adapter (QTHA-2MBA), hose, process connection
DPPV-2FBA
DPPV pump, 1/4” female NPT gauge adapter (QTHA-2FBA), hose, process connection
DPPV-0000
DPPV pump, no gauge adapter, with hose and process connection
DPPV pumps with BSPP connections*
Model
Description
DPPV-2FBA-RG
DPPV pump, 1/4” female BSPP gauge adapter (QTHA-2FBA-RG), hose, process connection
DPPV-3FBA-RG
DPPV pump, 3/8” female BSPP gauge adapter (QTHA-3FBA-RG), hose, process connection
DPPV-4FBA-RG
DPPV pump, 1/2” female BSPP gauge adapter (QTHA-4FBA-RG), hose, process connection
* Not for sale in North American market
For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or detailed specification sheet.
For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments Pressure
Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.
The ideal solution for either differential pressure or vacuum calibration
using a precision test gauge or pressure calibrator as the pressure refer-
ence.
Features:
Generate either 100 psi (7 bar) pressure or -25” Hg (-635 mm Hg) vacuum
with the same pump
Unique design allows the user to convert from pressure to vacuum by
simply twisting a knob, even with gloves on
Two outlet ports allow connection to reference pressure gauge or pressure
calibrator as well as device under test, thus eliminating a tee
Large volume fine adjustment piston provides precise control, even at very
low pressures
Precisely vent pressure with soft seated bleed valve
Low volume Quick-test hose, gauge adapter and process connection can
be attached to pump without thread sealant or a wrench
Rugged, all metal construction reduces pressure changes due to tempera-
ture fluctuations
Made in U.S.A.


Similar Part No. - DPPV

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DPPV-0000 RALSTON-DPPV-0000 Datasheet
319Kb / 1P
DPPV pump, no gauge adapter, with hose and process connection
DPPV-0005 RALSTON-DPPV-0005 Datasheet
284Kb / 1P
DPPV pump body, aluminum
DPPV-0025 RALSTON-DPPV-0025 Datasheet
276Kb / 1P
DPPV Pressure / vacuum spool valve assembly, brass
DPPV-0040 RALSTON-DPPV-0040 Datasheet
311Kb / 1P
DPPV pressure check valve assembly
DPPV-1MBA RALSTON-DPPV-1MBA Datasheet
319Kb / 1P
DPPV pump
More results

Similar Description - DPPV

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AP0V RALSTON-AP0V Datasheet
511Kb / 1P
Pneumatic Hand Pumps with no Gauge Connection
APGV RALSTON-APGV Datasheet
409Kb / 1P
Pneumatic Hand Pumps with Gauge Connection
DP0V RALSTON-DP0V Datasheet
371Kb / 1P
Pneumatic Hand Pumps
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Ralston Instruments.
QTFT-3SB0 RALSTON-QTFT-3SB0 Datasheet
339Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
QTHA-3SSA-LD RALSTON-QTHA-3SSA-LD Datasheet
206Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
For high vacuum pressure
logo
Ralston Instruments.
QTHA-5SB0 RALSTON-QTHA-5SB0_19 Datasheet
543Kb / 1P
Outlet ports used on hand pumps, nitrogen sources, volume controllers
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
Pressure switches - Vacuum
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com