Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPAK Datasheet(PDF) 2 Page - Ralston Instruments.

Part # NPAK
Description  Pressure Calibration Nitrogen Sources
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

NPAK Datasheet(HTML) 2 Page - Ralston Instruments.

  NPAK Datasheet HTML 1Page - Ralston Instruments. NPAK Datasheet HTML 2Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Pressure Calibration Nitrogen Sources
NPAK (3000 psi / 210 bar)
Specifications
NPAK connection type
National Pipe Thread (NPT)
British Parallel Thread (BSPP)*
Maximum pressure
3000 psi (210 bar)
3000 psi (210 bar)
Pressure media
Compressed nitrogen
Compressed nitrogen
Fine adjust resolution
± 0.0005 psi (0.035 mbar)
± 0.0005 psi (0.035 mbar)
Mechanical rotation
42 turn (pressure balanced)
42 turn (pressure balanced)
Operating temperature range
0º to 130ºF (-18º to 56º C)
0º to 130ºF (-18º to 56º C)
Cylinder capacity
15.3 ft³ (430 l)
15.3 ft³ (430 l)
Cylinder pressure gauge
2.5” (6.5 cm) psi / bar scale, ± 0.5% full scale accuracy
2.5” (6.5 cm) psi / bar scale, ± 0.5% full scale accuracy
Regulated pressure gauge
2.5” (6.5 cm) psi / bar scale, ± 0.5% full scale accuracy
2.5” (6.5 cm) psi / bar scale, ± 0.5% full scale accuracy
Over pressure relief
3200 psi (221 bar) relief pressure
3200 psi (221 bar) relief pressure
Reference connection (brass)
See below
See below
Quick-test hose 1 (brass ends)
6 ft (183 cm) long (QTQT-HOS-6’)
2 m (6.6 ft) long (QTQT-HOS-2m)
Quick-test hose 2 (brass ends)
3 ft (92 cm) long (QTQT-HOS-3’)
1 m (3.3 ft) long (QTQT-HOS-1m)
Process connection (brass)
(2) 1/4” male NPT (QTHA-2MB0)
(2) 1/4” female BSPP (QTHA-2FB0-RG)
Inlet port (stainless steel)
Male Quick-test with check-valve, cap and chain
Male Quick-test with check-valve, cap and chain
Outlet ports (stainless steel)
(2) Male Quick-test with cap, and chain
(2) Male Quick-test with cap, and chain
Construction
Aluminum, brass, plated steel
Aluminum, brass, plated steel
Internal connections
Stainless steel tubing, tube fittings
Stainless steel tubing, tube fittings
Case
Vented high impact ABS plastic
Vented high impact ABS plastic
Seal material
Buna-N,Teflon™, Delrin™
Buna-N,Teflon™, Delrin™
Dimensions
18.5 x 14.6 x 7.5 in (47 x 37 x 19 cm)
18.5 x 14.6 x 7.5 in (47 x 37 x 19 cm)
Weight
28.8 lb (13.0 kg)
28.8 lb (13.0 kg)
Ordering Information
NPAK calibration source NPT connections
Model
Description
NPAK-1MBA-6’-3’
1/8” male NPT gauge adapter (QTHA-1MBA), 2 hoses, 2 process connections
NPAK-2MBA-6’-3’
1/4” male NPT gauge adapter (QTHA-2MBA), 2 hoses, 2 process connections
NPAK-2FBA-6’-3’
1/4” female NPT gauge adapter (QTHA-2FBA), 2 hoses, 2 process connections
NPAK-0000-0-0
NPAK only, no gauge connection, no hoses, no process connections
NPAK calibration source BSPP connections*
Model
Description
NPAK-2FBA-RG-2m-1m
1/4” female BSPP gauge adapter (QTHA-2FBA-RG), 2 hoses, 2 process connections
NPAK-3FBA-RG-2m-1m
3/8” female BSPP gauge adapter (QTHA-3FBA-RG), 2 hoses, 2 process connections
NPAK-4FBA-RG-2m-1m
1/2” female BSPP gauge adapter (QTHA-4FBA-RG), 2 hoses, 2 process connections
* Not for sale in North American market
For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or detailed specification sheet.
For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments Pressure
Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com