Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2722 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2722
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2722 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2722 Datasheet HTML 1Page - KR Electronics, Inc. 2722 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 98.000 000 MHz
SPAN 20.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 50 ns
20 ns/
Cor
PRm
12 Aug 2006 12:21:19
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 98.000 000 MHz
SPAN 195.000 000 MHz
C?
PRm
12 Aug 2006 12:28:21
KR Electronics
KR 2722 is a 98 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 20 MHz (from 88 MHz to 108 MHz). Other
passband frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• 60 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2722

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2722 PULSE-2722 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
KR Electronics, Inc.
2722-1 KR-2722-1 Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
List of Unclassifed Man...
27220 ETC2-27220 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
logo
Cornell Dubilier Electr...
27220B103JO0 CDE-27220B103JO0 Datasheet
116Kb / 2P
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
27220B103JO0 CDE-27220B103JO0 Datasheet
3Mb / 10P
Rectangular Case, High-Current and High-Voltage Circuits
More results

Similar Description - 2722

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com