Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL084
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084 Datasheet(HTML) 2 Page - Texas Instruments

  TL084 Datasheet HTML 1Page - Texas Instruments TL084 Datasheet HTML 2Page - Texas Instruments TL084 Datasheet HTML 3Page - Texas Instruments TL084 Datasheet HTML 4Page - Texas Instruments TL084 Datasheet HTML 5Page - Texas Instruments TL084 Datasheet HTML 6Page - Texas Instruments TL084 Datasheet HTML 7Page - Texas Instruments TL084 Datasheet HTML 8Page - Texas Instruments TL084 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B, TL082Y, TL084Y
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
2
symbols
+
–
+
–
+
–
N1/COMP
COMP
IN +
IN –
OFFSET N2
OUT
TL080
OFFSET N1
IN +
IN –
OUT
IN +
IN –
OUT
TL082 (each amplifier)
TL084 (each amplifier)
TL081
OFFSET N2
description
The TL08_ JFET-input operational amplifier family is designed to offer a wider selection than any previously
developed operational amplifier family. Each of these JFET-input operational amplifiers incorporates
well-matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The devices feature
high slew rates, low input bias and offset currents, and low offset voltage temperature coefficient. Offset
adjustment and external compensation options are available within the TL08_ family.
Device types with a C suffix are characterized for operation from 0
°C to 70°C, those with an I suffix are
characterized for operation from – 40
°C to 85°C, and those with an M suffix are characterized for operation over
the full military temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
T
VIO
PACKAGE
CHIP
TA
IO
MAX
at
25
°C
SMALL
OUTLINE
(D008)
SMALL
OUTLINE
(D014)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
TSSOP
(PW)
CHIP
FORM
(Y)
0
°C
15 mV
15 mV
6 mV
3 mV
TL080CD
TL081CD
TL081ACD
TL081BCD
—
—
—
—
—
TL080CP
TL081CP
TL081ACP
TL081BCP
TL080CPW
TL081CPW
—
0
°C
to
70
°C
15 mV
6 mV
3 mV
TL082CD
TL082ACD
TL082BCD
—
—
—
—
—
TL082CP
TL082ACP
TL082BCP
TL082CPW
TL082Y
15 mV
6 mV
3 mV
—
TL084CD
TL084ACD
TL084BCD
—
—
—
TL084CN
TL084ACN
TL084BCN
—
TL084CPW
TL084Y
–40
°C
to
85
°C
6 mV
6 mV
6 mV
TL081ID
TL082ID
TL084ID
TL084ID
—
—
—
TL084IN
TL081IP
TL082IP
—
—
–55
°C
to
125
°C
6 mV
6 mV
9 mV
—
—
TL081MFK
TL082MFK
TL084MFK
TL084MJ
TL081MJG
TL082MJG
—
—
—
—
The D package is available taped and reeled. Add R suffix to device type, (e.g., TL080CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com