Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL087CD Datasheet(PDF) 12 Page - Texas Instruments

Part # TL087CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL087CD Datasheet HTML 8Page - Texas Instruments TL087CD Datasheet HTML 9Page - Texas Instruments TL087CD Datasheet HTML 10Page - Texas Instruments TL087CD Datasheet HTML 11Page - Texas Instruments TL087CD Datasheet HTML 12Page - Texas Instruments TL087CD Datasheet HTML 13Page - Texas Instruments TL087CD Datasheet HTML 14Page - Texas Instruments TL087CD Datasheet HTML 15Page - Texas Instruments TL087CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12
TYPICAL CHARACTERISTICS†
90
80
70
60
50
40
30
20
10
100
0
1 M
100 k
10 k
1 k
100
10 M
f – Frequency – Hz
10
VCC
± = ±15 V
TA = 25°C
–75
70
TA – Free-Air Temperature – °C
125
100
75
80
85
90
95
– 50
– 25
0
25
50
75
100
VIC = VICR min
VCC
± = ±5 V
VCC
± = ±15 V
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
Figure 22
Figure 23
1 k
0.1
1 M
100
10 k
100 k
1
10
f – Frequency – Hz
AVD = 100
AVD = 10
AVD = 1
VCC
± = ±15 V
TA = 25°C
ro (open loop) ≈ 250 Ω
–75
90
TA – Free-Air Temperature – °C
125
110
–50
–25
0
25
50
75
100
94
98
102
106
OUTPUT IMPEDANCE
vs
FREQUENCY
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VCC
± = ±5 V to ±15 V
Figure 24
Figure 25
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com