Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFC430 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFC430
Description  N Channel Power MOSFET with low RDS(on)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFC430 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFC430 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFC430
N Channel Power MOSFET with low RDS(on)
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 150℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
* Low RDS(on)
Mechanical Data:
D15
Dimension
2.92mm x 4.45mm
Thickness:
400
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
8 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
500
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
1.5
Ω
VGS=10V, ID=3.0A
Continuous Drain current ( in target package)
ID@25℃
5A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
3.2
A
VGS=10V
Operation Junction
Tj
-55~150
℃
Storage Temperature
TSTR
-55~150
℃
Target Device: IRF830
TO-220AB
PD
74
W
@Tc=25℃


Similar Part No. - GFC430

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC420 GSG-GFC420 Datasheet
101Kb / 1P
N Channel Power MOSFET
GFC440 GSG-GFC440 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC448 GSG-GFC448 Datasheet
104Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC450 GSG-GFC450 Datasheet
113Kb / 1P
N Channel Power MOSFET
GFC460 GSG-GFC460 Datasheet
102Kb / 1P
N Channel Power MOSFET with high VDS
More results

Similar Description - GFC430

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC014 GSG-GFC014 Datasheet
98Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC110 GSG-GFC110 Datasheet
96Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC220 GSG-GFC220 Datasheet
99Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC230 GSG-GFC230 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC234 GSG-GFC234 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(ON)
GFC340 GSG-GFC340 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC440 GSG-GFC440 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC448 GSG-GFC448 Datasheet
104Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFCC30 GSG-GFCC30 Datasheet
102Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFCE30 GSG-GFCE30 Datasheet
97Kb / 1P
N Channel Power MOSFET with low RDS(on)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com