Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAUD-5000 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # GAUD-5000
Description  0-5000 psig Digital Pressure Gauge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

GAUD-5000 Datasheet(HTML) 1 Page - Ralston Instruments.

  GAUD-5000 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GAUD-5000
Part No.
GAUD-5000
0-5000 psig Digital Pressure Gauge
Easy to read digital display eliminates the
uncertainty guessing where the pointer lies
Features
• ± 0.25% full scale accuracy
• 316 stainless steel wetted parts
• Battery life of 2500 hours
• Extruded aluminum case, polycarbonate cover
• 1/4" Male NPT lower mount
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Pressure Range
0 to 5000 psig
Accuracy
±0.25% of Full Scale ± 1 least significant digit
Process Connection
1/4" male NPT bottom connection
Units of Measure
psig
Dial Size
2.88 in (7.32 cm)
Batteries
2 AA
Battery Life
2500 hours
Temperature range
-4 to 185 °F (-20 to 85 °C)
Construction
ABS Plastic, Aluminum, Stainless Steel
Gauge type
Digital


Similar Part No. - GAUD-5000

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUD-0003 RALSTON-GAUD-0003 Datasheet
345Kb / 1P
0-3 psig Digital Pressure Gauge
GAUD-0015 RALSTON-GAUD-0015 Datasheet
345Kb / 1P
0-15 psig Digital Pressure Gauge
GAUD-0030 RALSTON-GAUD-0030 Datasheet
345Kb / 1P
0-30 psig Digital Pressure Gauge
GAUD-0100 RALSTON-GAUD-0100 Datasheet
345Kb / 1P
0-100 psig Digital Pressure Gauge
GAUD-0200 RALSTON-GAUD-0200 Datasheet
345Kb / 1P
0-200 psig Digital Pressure Gauge
More results

Similar Description - GAUD-5000

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUD-0003 RALSTON-GAUD-0003 Datasheet
345Kb / 1P
0-3 psig Digital Pressure Gauge
GAUD-0015 RALSTON-GAUD-0015 Datasheet
345Kb / 1P
0-15 psig Digital Pressure Gauge
GAUD-0030 RALSTON-GAUD-0030 Datasheet
345Kb / 1P
0-30 psig Digital Pressure Gauge
GAUD-0100 RALSTON-GAUD-0100 Datasheet
345Kb / 1P
0-100 psig Digital Pressure Gauge
GAUD-0200 RALSTON-GAUD-0200 Datasheet
345Kb / 1P
0-200 psig Digital Pressure Gauge
GAUD-0300 RALSTON-GAUD-0300 Datasheet
345Kb / 1P
0-300 psig Digital Pressure Gauge
GAUD-0500 RALSTON-GAUD-0500 Datasheet
345Kb / 1P
0-500 psig Digital Pressure Gauge
GAUD-1000 RALSTON-GAUD-1000 Datasheet
345Kb / 1P
0-1000 psig Digital Pressure Gauge
GAUD-3000 RALSTON-GAUD-3000 Datasheet
345Kb / 1P
0-3000 psig Digital Pressure Gauge
GAUG-5000 RALSTON-GAUG-5000 Datasheet
336Kb / 1P
0-5000 psig Analog Test Gauge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com