Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL062CD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062CD Datasheet(HTML) 2 Page - Texas Instruments

  TL062CD Datasheet HTML 1Page - Texas Instruments TL062CD Datasheet HTML 2Page - Texas Instruments TL062CD Datasheet HTML 3Page - Texas Instruments TL062CD Datasheet HTML 4Page - Texas Instruments TL062CD Datasheet HTML 5Page - Texas Instruments TL062CD Datasheet HTML 6Page - Texas Instruments TL062CD Datasheet HTML 7Page - Texas Instruments TL062CD Datasheet HTML 8Page - Texas Instruments TL062CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NC
2OUT
NC
2IN–
NC
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN–
NC
IN+
NC
TL061 ...FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC–
NC
3IN+
1IN+
NC
VCC+
NC
2IN+
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
1IN–
NC
1IN+
NC
TL062 . . . FK PACKAGE
(TOP VIEW)
TL064 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOMAX
AT 25
°C
SMALL
OUTLINE
(D008)†
SMALL
OUTLINE
(D014)†
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
TSSOP
(PW)
CHIP FORM
(Y)
15 mV
TL061CD
TL061CP
TL061CPW
TL061Y
15 mV
6 mV
TL061CD
TL061ACD
TL061CP
TL061ACP
TL061CPW
TL061Y
3 mV
TL061BCD
TL061BCP
0
°C
15 mV
TL062CD
TL062CP
TL062CPW
TL062Y
to
15 mV
6 mV
TL062CD
TL062ACD
TL062CP
TL062ACP
TL062CPW
TL062Y
70
°C
3 mV
TL062BCD
TL062BCP
15 mV
TL064CD
TL064CN
TL064CPW
TL064Y
6 mV
TL064ACD
TL064ACN
3 mV
TL064BCD
TL064BCN
PACKAGE
TA
VIOMAX
AT 25
°C
SMALL
OUTLINE
(D008)†
SMALL
OUTLINE
(D014)†
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(N)
PLASTIC
DIP
(P)
FLAT
PACK
(U)
FLAT
PACK
(W)
–40
°C
TL061ID
TL061IP
40 C
to
6 mV
TL061ID
TL062ID
TL064ID
TL064IN
TL061IP
TL062IP
85
°C
TL062ID
TL062IP
–55
°C
6 mV
TL061MFK
TL061MJG
TL061MU
to
6 mV
TL062MFK
TL062MJG
TL062MU
125
°C
9 mV
TL064MFK
TL064MJ
TL064MW
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., TL061CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com