Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFCC50 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFCC50
Description  N Channel Power MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFCC50 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFCC50 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFCC50
N Channel Power MOSFET
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 150℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
Mechanical Data:
D28
Dimension
6.53mm x 6.53mm
Thickness:
400
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
20 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
600
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
0.5
Ω
VGS=10V, ID=6
Α
Continuous Drain current ( in target package)
ID@25℃
11
A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
4.7
A
VGS=10V
Operation Junction
Tj
-55~150
℃
Storage Temperature
TSTR
-55~150
℃
Target Device: IRFPC50
TO-247AC
PD
180
W
@Tc=25℃


Similar Part No. - GFCC50

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFCC20 GSG-GFCC20 Datasheet
99Kb / 1P
N Channel Power MOSFET
GFCC30 GSG-GFCC30 Datasheet
102Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFCC40 GSG-GFCC40 Datasheet
102Kb / 1P
N Channel Power MOSFET
More results

Similar Description - GFCC50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com